M5R65RPJ-R
AI

The **M5R65RPJ-R** is a specific surface-mount electronic component, typically identified as a **Power Inductor** (specifically a Metal Composite / Molded Power Inductor). These components are critical in power management circuits, such as DC-DC converters.
---
### 1. General Specifications
The part number follows a specific nomenclature used by manufacturers (often associated with brands like Cyntec or similar power component specialists).
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fixed Inductor / Power Choke |
| **Construction** | Metal Composite (Molded) |
| **Inductance Value** | Typically **0.65 µH** (indicated by "R65") |
| **Tolerance** | Usually ±20% (indicated by "M") |
| **Package Size** | 5.0mm x 5.0mm (indicated by "5") |
---
### 2. Key Characteristics
Modern molded inductors like the M5R65RPJ-R offer several technical advantages over traditional wire-wound ferrite inductors:
* **High Saturation Current:** The metal composite core allows for a "soft saturation" characteristic, meaning the inductance doesn't drop abruptly as current increases.
* **Low DCR (Direct Current Resistance):** Designed to minimize power loss and heat generation.
* **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components.
* **Acoustic Noise Reduction:** The solid molded structure minimizes the physical vibration (buzzing) often heard in standard inductors.
---
### 3. Application Areas
These parts are commonly found in high-efficiency power supplies for:
1. **Laptops and Tablets:** For CPU/GPU core power rails.
2. **Server Modules:** High-density power conversion.
3. **Automotive Electronics:** Navigation and infotainment systems (if AEC-Q200 qualified).
4. **Smartphones:** Battery management systems.
---
### 4. Technical Summary Table
| Parameter | Typical Value Range |
| :--- | :--- |
| **Inductance** | 0.65 µH |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Material** | Iron Powder / Metal Alloy |
- ⤷
What is the maximum saturation current (Isat) for this specific inductor model?
- ⤷ How does the 'R' suffix at the end of the part number affect its packaging (e.g.
- ⤷ Tape and Reel)?
- ⤷ Are there equivalent alternatives from manufacturers like Vishay or TDK?