công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5R64XH-R

  • AI
    The **M5R64XH-R** is a high-performance, surface-mount power inductor typically used in DC-DC converter circuits, power supplies, and automotive electronics. It is part of a specialized series of inductors designed for high current density and low core loss. --- ### 1. Technical Specifications Below are the typical technical parameters for this electronic component: | Feature | Specification | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | 0.64 µH (typical) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | Very Low (mΩ range) | | **Saturation Current** | High (often exceeding 20A - 40A depending on exact size) | | **Mounting Type** | SMD (Surface Mount Device) | | **Construction** | Magnetic Metal Powder (Molded) | --- ### 2. Key Internal Components & Materials The M5R64XH-R is engineered with specific materials to ensure stability under high loads: * **Core Material:** It utilizes a **Metal Composite Core**. Unlike traditional ferrite cores, metal powder cores offer "soft saturation" characteristics, meaning the inductance doesn't drop abruptly when the current increases. * **Winding:** High-purity copper wire is wound inside the core. In this specific series, a flat-wire or thick-gauge round wire is often used to minimize **DC Resistance (DCR)** and reduce heat generation. * **Shielding:** The molded construction acts as a natural magnetic shield. This reduces **Electromagnetic Interference (EMI)**, preventing the inductor from interfering with nearby sensitive components on the PCB. --- ### 3. Functional Roles in a Circuit In a digital or power system, the M5R64XH-R performs the following critical tasks: 1. **Energy Storage:** It stores energy in its magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle. 2. **Current Smoothing:** It acts as a low-pass filter, smoothing out the high-frequency ripples generated by switching power supplies to provide a stable DC output. 3. **Voltage Regulation:** Essential for **Buck (Step-down)** converters used in CPUs, GPUs, and high-end FPGAs where high current and low voltage (e.g., 0.8V - 1.2V) are required. --- ### 4. Advantages * **Thermal Stability:** Designed to operate in high-temperature environments (often up to 125°C or 150°C). * **Compact Footprint:** High power density allows for smaller PCB designs without sacrificing performance. * **Low Acoustic Noise:** The molded structure reduces the "buzzing" or physical vibration often associated with traditional inductors.
    ✨ Follow-up Questions
    • ⤷ What are the specific saturation current ratings for the M5R64XH-R?
    • ⤷ How does a metal composite core compare to a ferrite core in power inductors?
    • ⤷ Which PCB footprints are compatible with this specific inductor series?