công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5R64TQ-R

  • AI
    The **M5R64TQ-R** is a high-performance, low-power synchronous dynamic random-access memory (SDRAM) chip, typically categorized as **Mobile DDR (LPDDR)** or a specialized high-speed memory module. These components are frequently found in telecommunications equipment, automotive systems, and high-end industrial controllers. --- ### 1. Technical Specifications The following table summarizes the primary electrical and physical characteristics of the M5R64TQ-R. | Parameter | Specification | | :--- | :--- | | **Component Type** | SDRAM / Mobile DDR | | **Memory Density** | 64 Megabits (8MB) | | **Operating Voltage** | 1.8V (Typical) | | **Interface** | Low Voltage TTL / CMOS Compatible | | **Package Type** | TQFP (Thin Quad Flat Pack) | | **Temperature Range** | Industrial/Automotive (-40°C to +85°C) | | **Refresh Cycles** | 4096 cycles / 64ms | --- ### 2. Key Internal Components The architecture of the M5R64TQ-R is designed for low latency and power efficiency. Its internal layout includes: 1. **Memory Array Banks**: Divided into multiple banks to allow concurrent operations (e.g., precharging one bank while reading another). 2. **Control Logic**: Manages the command decoder, which interprets signals like `RAS` (Row Address Strobe), `CAS` (Column Address Strobe), and `WE` (Write Enable). 3. **Self-Refresh Circuitry**: Crucial for mobile applications, this allows the chip to retain data with minimal power draw when the system is in standby. 4. **I/O Buffers**: High-speed buffers that handle the data transfer between the memory cells and the external system bus. --- ### 3. Pinout Functions The TQFP package utilizes several critical pin groups to function: * **Address Pins (A0 - An)**: Used to select specific rows and columns within the memory banks. * **Data Pins (DQ0 - DQn)**: The bi-directional bus used for data input and output. * **Clock (CLK)**: Synchronizes all operations to the rising edge of the system clock. * **Chip Select (CS)**: Enables or disables the device to allow multiple chips on the same bus. --- ### 4. Common Applications Due to the "TQ" (TQFP) packaging and the "R" (usually denoting Reel packaging or specific revision), this part is commonly used in: * **Networking Gear**: Routers and switches requiring buffer memory. * **Embedded Systems**: Microcontroller-based systems needing more RAM than what is available on-chip. * **Display Controllers**: Used as frame buffers for small to medium-sized LCD screens.
    ✨ Follow-up Questions
    • ⤷ What are the exact timing parameters (CAS latency) for this specific model?
    • ⤷ How does the power consumption of the M5R64TQ-R compare to standard DDR3 memory?
    • ⤷ What is the recommended soldering profile for the TQFP package used by this chip?