công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5R63THJ-R

  • AI
    The **M5R63THJ-R** is a specific part number typically associated with **Magnetoresistive Random Access Memory (MRAM)**, manufactured by Everspin Technologies. It is part of the MR25H40 family or similar high-performance non-volatile memory categories. --- ## 1. Core Technical Specifications The following table outlines the primary electronic characteristics of this component: | Feature | Specification | | :--- | :--- | | **Memory Type** | MRAM (Magnetoresistive RAM) | | **Interface** | Serial SPI (Serial Peripheral Interface) | | **Density** | Usually 4 Mb (Megabits) | | **Voltage Supply** | 2.7V to 3.6V | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Data Retention** | >20 Years | | **Endurance** | Unlimited Read/Write Cycles | --- ## 2. Key Electronic Features ### A. Non-Volatility Unlike Standard SRAM, MRAM does not require a battery or capacitor to retain data when power is lost. It uses magnetic states rather than electric charges to store bits. ### B. High Endurance While Flash memory (NAND/NOR) wears out after approximately 10,000 to 100,000 write cycles, the M5R63THJ-R offers **unlimited endurance**, making it ideal for data logging where data is written constantly. ### C. Fast Write Timing Standard EEPROM or Flash requires a "write time" delay (often milliseconds). This MRAM chip treats writes like reads, with no soak time required, allowing for instantaneous data backup. --- ## 3. Typical Application Circuits In an electronic design, this part is connected to a Microcontroller (MCU) via the SPI bus. ```cpp // Typical SPI Pin Mapping for M5R63THJ-R CS -> Chip Select (Active Low) SI -> Serial Data Input (MOSI) SO -> Serial Data Output (MISO) SCK -> Serial Clock WP -> Write Protect HOLD -> Pause Serial Communication ``` --- ## 4. Common Use Cases * **Industrial Automation:** Storing real-time state variables for robotic arms. * **Medical Devices:** Critical data logging where power failure cannot result in data loss. * **Aerospace:** High-reliability systems requiring resistance to radiation-induced soft errors (MRAM is inherently more resistant than SRAM).
    ✨ Follow-up Questions
    • ⤷ How does MRAM compare to Ferroelectric RAM (FRAM) in terms of speed?
    • ⤷ What are the specific power consumption levels during a high-speed SPI write?
    • ⤷ Can this part be used as a direct drop-in replacement for SPI Flash?