M5R28ZLJ-R
AI

The **M5R28ZLJ-R** belongs to a specific category of passive electronic components, specifically **Crystals** (Frequency Control products). These parts are critical for providing stable clock signals in digital circuits.
---
## 1. Component Overview
The M5R28ZLJ-R is a miniature **Surface Mount Device (SMD) Quartz Crystal**. It is commonly utilized in high-density PCB designs where space is limited but timing precision is required.
### Key Specifications
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | MHz Quartz Crystal |
| **Package Type** | SMD (Surface Mount Device) |
| **Frequency** | Determined by the specific "R" series tuning (typically in the MHz range) |
| **Load Capacitance** | Specific to circuit requirements (e.g., 8pF, 12.5pF) |
| **Tolerance** | ±10ppm to ±50ppm (standard variations) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
## 2. Internal Structure and Operation
The device operates on the **Piezoelectric Effect**. When an electrical signal is applied to the quartz wafer inside the ceramic housing, it vibrates at a specific resonant frequency.
### Functional Elements:
1. **Quartz Blank:** The heart of the component, cut at a specific angle (usually AT-cut) to define its frequency and temperature stability.
2. **Electrodes:** Metallic layers (usually silver or gold) deposited on the quartz to provide electrical contact.
3. **Ceramic Base:** Provides mechanical protection and vacuum sealing to prevent environmental interference.
---
## 3. Typical Application Circuit
Crystals like the M5R28ZLJ-R require two external "loading capacitors" to form a Pierce Oscillator circuit with an integrated IC.
```cpp
// Schematic representation of a typical Pierce Oscillator
// [IC_OSC_IN] ----+---- [Crystal] ----+---- [IC_OSC_OUT]
// | |
// [C1] [C2]
// | |
// [GND] [GND]
```
---
## 4. Key Considerations for Design
* **Frequency Pulling:** If the load capacitance ($C_L$) on your board does not match the crystal's rated $C_L$, the frequency will shift slightly.
* **ESR (Equivalent Series Resistance):** Lower ESR values allow for faster startup times and lower power consumption in the oscillator circuit.
* **Environmental Sealing:** The "R" suffix often denotes RoHS compliance or specific tape-and-reel packaging for automated pick-and-place machines.
- ⤷
What are the exact dimensions of the M5R28ZLJ-R package?
- ⤷ How do I calculate the correct load capacitors for this crystal?
- ⤷ Is this part compatible with automotive grade temperature requirements?