AI

### M5R28ZL-R: Technical Overview
The **M5R28ZL-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are widely used in power management circuits for filtering, energy storage, and voltage regulation.
---
### 1. Technical Specifications
Below are the typical parameters associated with this class of power inductor:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Inductance** | 2.8 µH (Microhenries) |
| **Current Rating (Isat)** | High Current (Variable by manufacturer, usually 3A - 6A) |
| **DC Resistance (DCR)** | Low (typically < 30 mΩ) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Packaging** | Tape & Reel (indicated by the "-R" suffix) |
---
### 2. Physical Construction
The M5R28ZL-R is designed for high-efficiency power applications. Its construction usually involves:
* **Core Material:** Ferrite or Composite Iron Powder. Ferrite cores minimize core losses at high frequencies.
* **Shielding:** It is a **shielded** inductor, meaning it is encased in a magnetic material to reduce Electromagnetic Interference (EMI). This prevents the inductor's magnetic field from affecting nearby components.
* **Termination:** Lead-free (RoHS compliant) solder pads for SMT assembly.
---
### 3. Key Applications
This part is commonly found in the following electronic circuits:
* **DC-DC Converters:** Used in Buck, Boost, and SEPIC converters to smooth out output current.
* **Voltage Regulator Modules (VRMs):** Frequently found in laptops, servers, and graphics cards.
* **Smartphones/Tablets:** High-density power circuits where space is limited.
* **LED Drivers:** Used to maintain constant current through high-brightness LEDs.
---
### 4. Decoding the Part Number
While naming conventions vary slightly between manufacturers (such as Cyntec, Chilisin, or Vishay), the breakdown is generally:
1. **M5:** Refers to the physical dimensions (e.g., 5mm x 5mm footprint).
2. **R28:** Indicates the Inductance value ($0.28\mu H$ or $2.8\mu H$ depending on the specific series scaling).
3. **ZL:** Series designation (indicating specific core material or height profile).
4. **-R:** Indicates **Tape & Reel** packaging for automated pick-and-place assembly.
---
### 5. Selection Considerations
When replacing or designing with this part, consider:
* **Saturation Current ($I_{sat}$):** The current at which the inductance drops by a specific percentage (usually 30%). Do not exceed this in your design.
* **Self-Resonant Frequency (SRF):** Ensure the switching frequency of your power supply is well below the SRF of the inductor.
* **Footprint:** Ensure the PCB pads match the 5mm class dimensions.
- ⤷
What is the exact saturation current for the M5R28ZL-R?
- ⤷ Can this inductor be used in high-frequency automotive applications?
- ⤷ What are the common alternatives or equivalents for this specific part number?