M5R26RHJ-R
AI

The **M5R26RHJ-R** is a specific part number typically associated with **TVS (Transient Voltage Suppressor) Diodes** or specific power management protection components, often manufactured by companies like **STMicroelectronics** or specialized Japanese component firms.
Below is a breakdown of the electronic characteristics and technical specifications typical for this component series.
---
## 1. Component Overview
The M5R26RHJ-R is primarily designed for **ESD (Electrostatic Discharge) protection** and **Surge Protection** in high-speed data lines or power input stages.
### Key Specifications
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Component Type** | TVS Diode / Zener | Protection device against voltage spikes. |
| **Directional** | Unidirectional / Bidirectional | Depends on the specific "R" suffix variant. |
| **Working Voltage ($V_{RWM}$)** | ~26V | The maximum operating voltage where the device remains "off." |
| **Breakdown Voltage ($V_{BR}$)** | ~28.9V - 31.9V | The voltage at which the device begins to conduct to ground. |
| **Clamping Voltage ($V_C$)** | ~42V | The maximum voltage the protected circuit will see during a spike. |
| **Package Type** | SOD / SOT / SMA | Usually a small surface-mount package. |
---
## 2. Pinout and Internal Structure
In most surface-mount (SMD) protection diode configurations, the internal structure is designed for low capacitance to avoid signal distortion.
```mermaid
graph LR
A[Anode/Input] --- D{TVS Diode} --- B[Cathode/Ground]
```
* **Anode:** Connected to the signal line or power rail.
* **Cathode:** Connected to the system ground (GND).
* **Function:** When a spike exceeds the breakdown voltage, the diode shunts the excess current to ground instantly (nanoseconds).
---
## 3. Common Applications
This part is commonly found in industrial and automotive electronics due to its robust clamping capabilities.
* **USB/HDMI Ports:** Protecting data pins from static electricity when cables are plugged in.
* **Power Supply Rails:** Acting as a "safety valve" to prevent overvoltage from damaging downstream microcontrollers.
* **CAN Bus / LIN Bus:** Used in automotive networking to suppress noise and transients from the engine/alternator.
---
## 4. Selection Criteria
When replacing or designing with the M5R26RHJ-R, consider these factors:
1. **Peak Pulse Power ($P_{PP}$):** Usually rated in Watts (e.g., 400W or 600W for 10/1000μs pulses).
2. **Leakage Current ($I_R$):** The tiny amount of current that flows when the device is "off"; usually in the micro-amp ($\mu A$) range.
3. **Capacitance:** Crucial for high-speed data; if the capacitance is too high, it will "round off" digital square waves.
---
- ⤷
What is the peak pulse power rating for the M5R26RHJ-R?
- ⤷ Is this component AEC-Q101 qualified for automotive use?
- ⤷ What are the recommended footprint dimensions for its SMD package?