M5R24ZL-R
AI

The **M5R24ZL-R** is a specific electronic component primarily used in industrial and telecommunications applications. It belongs to the family of **Metal Oxide Varistors (MOV)**, designed to protect circuits from high-voltage surges and transients.
---
### 1. Key Technical Specifications
The M5R24ZL-R is engineered to clamp high-voltage spikes, preventing damage to sensitive downstream components.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Metal Oxide Varistor (MOV) |
| **Nominal Varistor Voltage** | ~24V |
| **Max Continuous AC Voltage** | 14V - 17V (Approx) |
| **Max Continuous DC Voltage** | 18V - 22V (Approx) |
| **Energy Absorption (Joules)** | Low to Medium range |
| **Mounting Type** | Through-hole (Radial leaded) |
| **Response Time** | < 25 nanoseconds |
---
### 2. Functional Anatomy
The "M5R" series typically denotes the size and material composition.
* **Metal Oxide Material:** Constructed from zinc oxide (ZnO) grains. Under normal voltage, it acts as an insulator. Under high voltage, it becomes a conductor to shunt the excess energy to ground.
* **Encapsulation:** Coated in a flame-retardant epoxy resin to prevent fires during catastrophic failure.
* **Leads:** Tin-plated copper wires for soldering onto PCBs.
---
### 3. Circuit Application
In an electronic schematic, the M5R24ZL-R is placed **in parallel** with the load.
#### Typical Wiring Diagram
```text
[Power Source (+)] ----+---- [Protected Circuit]
|
[M5R24ZL-R]
|
[Power Source (-)] ----+---- [Ground/Common]
```
---
### 4. Common Use Cases
1. **Automotive Electronics:** Protection against "Load Dump" transients in 12V vehicle systems.
2. **Industrial Controllers:** Protecting PLC inputs/outputs from inductive switching noise.
3. **Power Supplies:** Low-voltage DC input protection.
4. **Data Lines:** Protecting communication ports from electrostatic discharge (ESD).
---
### 5. Selection Considerations
* **Clamping Voltage:** Ensure the clamping voltage is lower than the maximum voltage rating of the components you are protecting.
* **Peak Current:** Check if the device can handle the expected surge amperage (e.g., 500A vs 2000A).
* **Degradation:** Note that MOVs degrade slightly every time they absorb a surge; eventually, they may fail in a short-circuit or open-circuit state.
- ⤷
What are the primary differences between an MOV and a TVS diode for surge protection?
- ⤷ How do I calculate the required Joule rating for a varistor in a specific circuit?
- ⤷ What are the common failure modes of the M5R series varistors?