M5R24RPJ-R
AI

The **M5R24RPJ-R** is a specific electronic component, typically categorized as a high-performance **Magnetic Random Access Memory (MRAM)** module, often utilized in industrial or specialized computing environments.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications
The following table highlights the core technical parameters of the M5R24RPJ-R:
| Parameter | Specification |
| :--- | :--- |
| **Technology** | Spin-Transfer Torque MRAM (STT-MRAM) |
| **Interface** | DDR4 / Specialized Parallel Interface |
| **Voltage (Vcc)** | 1.8V / 1.2V (Typical) |
| **Memory Density** | High Density (varies by sub-series, often 1Gb+) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Package Type** | FBGA (Fine-Pitch Ball Grid Array) |
---
### 2. Key Features
* **Non-Volatility:** Unlike standard DRAM, this component retains data even when power is removed, eliminating the need for a backup battery or supercapacitor.
* **High Endurance:** It offers significantly higher write-cycle endurance compared to Flash memory (NAND/NOR), making it suitable for frequent logging.
* **Low Latency:** Provides speeds comparable to DRAM, allowing for execute-in-place (XIP) capabilities.
* **Radiation Tolerance:** MRAM technology is inherently more resistant to soft errors (SEU) caused by radiation compared to traditional SRAM or DRAM.
---
### 3. Pinout and Internal Logic
The M5R24RPJ-R utilizes a complex internal controller to manage the magnetic states of the cells. The electronic signal flow generally follows this logic:
```c
// Simplified Logic representation of an MRAM Read/Write Cycle
if (Chip_Select == LOW) {
if (Write_Enable == LOW) {
// Apply spin-polarized current to change magnetic orientation
Set_Magnetic_State(Address, Data_In);
} else {
// Sense resistance difference (TMR effect) to determine bit
Data_Out = Sense_Resistance(Address);
}
}
```
---
### 4. Typical Applications
Due to its robust nature, the M5R24RPJ-R is found in:
1. **Enterprise Storage:** Used as a write buffer or journal memory to prevent data loss during power failure.
2. **Industrial Automation:** Storing critical parameters and state variables in PLC systems.
3. **Aerospace:** High-reliability computing where radiation hardness is required.
---
- ⤷What is the maximum write cycle endurance for STT-MRAM components like this?
- ⤷ How does MRAM power consumption compare to traditional SRAM?
- ⤷ What are the specific soldering requirements for FBGA packages in industrial settings?