M5R16XQ-R
AI

### Overview of the M5R16XQ-R
The **M5R16XQ-R** is an integrated circuit (IC) primarily categorized as a **Magnetoresistive Random Access Memory (MRAM)** device. It is designed for high-performance applications requiring non-volatile storage with high endurance and speed.
---
### Key Technical Specifications
The following table outlines the core electronic parameters of the M5R16XQ-R:
| Parameter | Specification |
| :--- | :--- |
| **Memory Type** | STT-MRAM (Spin-Transfer Torque) |
| **Capacity** | 16 Megabits (16Mb) |
| **Interface** | Quad SPI (Serial Peripheral Interface) |
| **Operating Voltage** | 1.7V to 1.9V (Core) / 1.7V to 3.6V (I/O) |
| **Clock Frequency** | Up to 108 MHz (Standard) / 200 MHz (High Speed) |
| **Data Retention** | > 10 Years @ 85°C |
| **Endurance** | Unlimited Read/Write Cycles (approx. $10^{14}$) |
| **Package** | 8-contact WSON / 8-pin SOIC |
---
### Core Electronic Characteristics
#### 1. Non-Volatility with SRAM Performance
Unlike Standard RAM (which loses data when power is removed) or Flash (which is slow to write), the M5R16XQ-R provides the speed of an SRAM with the data persistence of a Flash memory. It does not require a battery or capacitor for data backup.
#### 2. Quad SPI Interface
The "Q" in the part number typically denotes the **Quad SPI** interface. This allows for four data lines (IO0-IO3) to transmit data simultaneously, significantly increasing throughput compared to standard Serial SPI.
#### 3. Low Power Consumption
As an MRAM device, it consumes significantly less power during write cycles compared to EEPROM or Flash because it does not require a "charge pump" to generate high voltages for writing.
---
### Pin Configuration (Common 8-Pin Layout)
If you are integrating this into a PCB design, the typical pinout is as follows:
```text
Pin 1: /CS (Chip Select)
Pin 2: SO / SIO1 (Serial Data Out / I/O 1)
Pin 3: /WP / SIO2 (Write Protect / I/O 2)
Pin 4: VSS (Ground)
Pin 5: SI / SIO0 (Serial Data In / I/O 0)
Pin 6: SCK (Serial Clock)
Pin 7: /HOLD / SIO3 (Hold / I/O 3)
Pin 8: VCC (Power Supply)
```
---
### Typical Applications
* **Industrial Automation:** Real-time data logging and parameter storage.
* **Automotive:** Storing sensor data and calibration settings that change frequently.
* **IoT Devices:** Energy-efficient memory for edge computing where power is limited.
* **Enterprise Storage:** Storing critical metadata in SSDs or RAID controllers.
- ⤷
What is the difference between STT-MRAM and standard Flash memory in terms of write speed?
- ⤷ Can you provide the specific timing diagrams for the Quad SPI read command?
- ⤷ What are the thermal management requirements for the M5R16XQ-R during high-speed operation?