M5R16XPJ-R
AI

The **M5R16XPJ-R** is an integrated circuit, specifically a **Static Random Access Memory (SRAM)** chip. This part is commonly used in industrial control systems, networking hardware, and legacy computing environments where high-speed, low-power data storage is required without the need for refresh cycles (unlike DRAM).
---
### 1. Technical Specifications
The following table outlines the key technical parameters for the M5R16XPJ-R:
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | SRAM (Static RAM) |
| **Organization** | Likely 64K x 16 or 1M x 16 (Series dependent) |
| **Voltage Supply** | Typically 3.3V or 5.0V |
| **Access Time** | 10ns - 15ns (High Speed) |
| **Package Type** | SOJ (Small Outline J-lead) |
| **Pin Count** | 44-pin or 48-pin |
| **Mounting Type** | Surface Mount (SMT) |
---
### 2. Key Internal Components
The electronic architecture of this part consists of several functional blocks:
1. **Memory Cell Array:** A matrix of 6-transistor (6T) cells that store bits of data using flip-latch circuitry.
2. **Address Decoders:** Circuits that interpret the incoming address signals to select specific rows and columns in the memory array.
3. **I/O Control Logic:** Manages the Data Input/Output pins based on control signals like **WE** (Write Enable), **OE** (Output Enable), and **CE** (Chip Enable).
4. **Sense Amplifiers:** High-sensitivity circuits that amplify the small voltage differences from the memory cells during a "Read" operation to provide a valid logic level.
---
### 3. Pin Functionality
While specific pinouts vary by manufacturer (often Renesas or Mitsubishi for the M-series), the standard pin roles are:
* **A0 - An:** Address Inputs (used to select the memory location).
* **I/O0 - I/O15:** Data Inputs/Outputs (bi-directional bus).
* **#CS / #CE:** Chip Select (activates the chip).
* **#WE:** Write Enable (triggers the data storage process).
* **#OE:** Output Enable (allows data to be read from the pins).
* **Vcc/Vss:** Power supply and Ground.
---
### 4. Application Use Cases
* **Cache Memory:** Used in embedded systems for temporary high-speed data buffering.
* **FPGA Configuration:** Storing lookup tables or temporary variables for logic gates.
* **Industrial Automation:** Retaining system state parameters in PLCs (Programmable Logic Controllers).
- ⤷
What are the equivalent alternative parts for the M5R16XPJ-R?
- ⤷ How does the 'J-lead' package impact the PCB soldering process?
- ⤷ What is the maximum power consumption during an active Write cycle for this chip?