M5R15XPJ-R
AI

The **M5R15XPJ-R** (part of the **M5** family by **MechaTronix**) is an advanced active cooling solution specifically engineered for high-power LED modules (like COB LEDs). It integrates mechanical thermal management with electronic control components.
### 1. Core Electronic Components
The "XPJ" variant indicates a specific electronic configuration involving the motor and control interface.
| Component | Description | Function |
| :--- | :--- | :--- |
| **Brushless DC Motor (BLDC)** | The heart of the assembly. | Provides high-efficiency rotation with minimal friction and noise. |
| **PWM Controller** | Pulse Width Modulation input. | Allows the system to adjust fan speed based on the temperature of the LED. |
| **Tachometer Output** | A "FG" (Frequency Generator) signal. | Provides feedback to the driver/controller to confirm the fan is spinning. |
| **Thermal Protection** | Internal circuitry. | Automatically shuts down or throttles the fan if internal temperatures exceed safe limits. |
---
### 2. Technical Specifications
Below are the typical electronic operating parameters for the M5R15XPJ-R series:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 12V DC (Standard) |
| **Power Consumption** | ~0.6W to 1.5W (depending on load) |
| **Noise Level** | < 25 dB(A) @ 1 meter |
| **Lifespan (MTBF)** | 70,000+ Hours @ 40°C |
| **Connector Type** | Typically 3-wire or 4-wire (VCC, GND, PWM/FG) |
---
### 3. Electronic Interface & Wiring
The device typically utilizes a multi-wire interface to communicate with an LED driver or a dedicated thermal management board:
1. **Red Wire (+12V):** Main DC power supply.
2. **Black Wire (GND):** Common ground.
3. **Yellow/White Wire (Tacho/FG):** Outputs a pulse signal. If the pulses stop, the electronic system can trigger an "Emergency LED Shutdown" to prevent the COB from burning out.
4. **Blue Wire (PWM):** Receives a 0-5V or 0-12V signal to modulate speed.
---
### 4. Why the Electronic Design Matters
Unlike passive heatsinks, the electronic control in the M5R15XPJ-R allows for:
* **Active Reliability:** The system monitors its own health.
* **Size Reduction:** Using an electronic fan allows for a heatsink that is 3x to 4x smaller than a passive one for the same wattage.
* **Constant Flux:** By maintaining a precise electronic temperature setpoint, the LED color temperature and lumen output remain stable.
---
- ⤷What is the maximum thermal resistance (Rth) of the M5R15XPJ-R?
- ⤷ Which LED COB brands are compatible with the M5 series mounting holes?
- ⤷ Does this model support 24V input or is it strictly 12V?