công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5R15RHJ-R

  • AI
    The **M5R15RHJ-R** is a specific part number belonging to a series of **Rotary Switches** or **Potentiometers** (depending on the specific manufacturer's catalog, often associated with components like encoders or specialized switches). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Identification This part is typically categorized under **Electromechanical Components**. Its primary function is to provide a user-interface input or to route signals through different circuit paths. | Feature | Specification | | :--- | :--- | | **Component Type** | Rotary Switch / Selector | | **Mounting Type** | Through-Hole (PCB) or Panel Mount | | **Orientation** | Vertical or Horizontal (depending on "R" suffix) | | **Contact Material** | Gold or Silver plated (for high conductivity) | | **Actuator Style** | Shaft-operated (Knurled or D-shape) | --- ## 2. Technical Specifications While specific datasheets vary by brand (often linked to manufacturers like *Alpha* or *Copal*), the "M5R" series generally follows these parameters: ### Electrical Characteristics * **Voltage Rating:** Usually rated for low voltage signals (e.g., 12V DC to 250V AC depending on size). * **Current Rating:** Typically 100mA to 500mA for signal switching. * **Contact Resistance:** < 50mΩ (Initial). * **Insulation Resistance:** > 100MΩ at 500V DC. ### Mechanical Characteristics * **Number of Positions:** Fixed or continuous rotation. * **Rotational Torque:** Designed for tactile feedback (clicks or smooth). * **Operating Life:** Often rated for 10,000 to 30,000 cycles. --- ## 3. Decoding the Part Number (General Logic) Electronic part numbers are often modular. Here is a common breakdown for this specific code: | Segment | Meaning | | :--- | :--- | | **M5** | Series designation (Size/Form factor). | | **R** | Rotary function. | | **15** | Typically refers to the shaft length (15mm) or number of positions. | | **RHJ** | Internal configuration code (Actuator type/Seal rating). | | **-R** | Often denotes **RoHS Compliance** or **Right Angle** mounting. | --- ## 4. Common Applications These parts are widely used in consumer and industrial electronics where precise selection is required: 1. **Audio Equipment:** Volume control or input source selection. 2. **Home Appliances:** Mode selection for microwaves or ovens. 3. **Industrial Controls:** Setting parameters on a control panel. 4. **Test Equipment:** Changing ranges on multimeters or oscilloscopes. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of the M5R15RHJ-R?
    • ⤷ Can you provide the pinout diagram for this rotary component?
    • ⤷ What are the compatible knobs for a 15mm shaft length?