AI

The **M5R14RHJ-R** is a high-performance, precision MEMS (Micro-Electro-Mechanical Systems) oscillator produced by **SiTime**. It is part of the Endura™ series, specifically engineered for high-reliability applications such as aerospace, defense, and heavy industrial use.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | MEMS Differential Oscillator |
| **Output Type** | LVDS / LVPECL / HCSL (Configurable) |
| **Frequency Range** | Typically 1 MHz to 220 MHz |
| **Stability** | ±10 ppm to ±50 ppm (High Stability) |
| **Supply Voltage** | 2.5V, 2.8V, 3.3V |
| **Operating Temp** | -55°C to +125°C (Military Grade) |
| **Package Size** | 3.2 x 2.5 mm (Standard 6-pin) |
---
### 2. Core Electronic Components & Architecture
The internal architecture of the M5R14RHJ-R consists of two primary dies integrated into a single package:
#### A. MEMS Resonator Die
Unlike traditional quartz crystals, this part uses a **silicon resonator**. It is etched from high-purity silicon and vacuum-sealed.
- **Benefit:** Highly resistant to mechanical shock and vibration (up to 20,000g).
#### B. Programmable Analog CMOS IC
This chip contains the drive circuitry, fractional-N PLL (Phase-Locked Loop), and temperature compensation circuits.
- **Temperature Compensation:** It uses a temperature sensor and a compensation algorithm to ensure frequency stability across the entire -55°C to +125°C range.
- **Output Drivers:** Converts the internal clock signal into high-speed differential signals (like LVDS or LVPECL) to minimize EMI (Electromagnetic Interference).
---
### 3. Distinctive Features
1. **Extreme Ruggedness:** Designed to withstand high levels of "g-force" and acoustic noise, making it superior to quartz in harsh environments.
2. **Low Jitter:** Provides excellent phase noise performance, which is critical for high-speed data transmission and FPGA clocking.
3. **No "Activity Dips":** Traditional quartz crystals often suffer from frequency drops at specific temperatures; MEMS technology eliminates this failure mode.
4. **Supply Noise Rejection:** Features internal LDOs (Low Dropout Regulators) to filter power supply noise, ensuring the clock remains clean even in noisy electronic environments.
---
### 4. Implementation Example (System Integration)
When integrating this part into a PCB design, the following pinout logic is typically followed:
```c
// Typical 6-Pin Configuration for M5R14RHJ series:
Pin 1: NC (No Connect) or OE (Output Enable)
Pin 2: NC (No Connect)
Pin 3: GND (Ground)
Pin 4: OUT+ (Positive Differential Output)
Pin 5: OUT- (Negative Differential Output)
Pin 6: VDD (Supply Voltage)
```
---
- ⤷
What are the main advantages of using a MEMS oscillator over a quartz crystal in aerospace applications?
- ⤷ How does the LVDS output of this part help in reducing EMI?
- ⤷ Are there specific decoupling capacitor requirements for the VDD pin of the M5R14RHJ-R?