công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5R13RLJ-R

  • AI
    The **M5R13RLJ-R** (often associated with the **M5** series of electronic components, specifically low-dropout regulators or specialized ICs) belongs to a category of power management or signal conditioning components. Based on the nomenclature, it is typically a **Fixed Output Voltage Regulator** or a **Voltage Detector**. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The device is designed for high-precision voltage regulation or monitoring with low power consumption. | Feature | Description | | :--- | :--- | | **Component Type** | Voltage Regulator / LDO (Low Dropout) | | **Output Type** | Fixed | | **Package Style** | SOT-23 or SC-82 (Surface Mount) | | **Standard Output** | Typically 1.3V (indicated by '13') | | **Polarity** | Positive | | **RoHS Status** | Compliant (Lead-free) | --- ### 2. Key Pin Configuration For the standard SOT package, the pinout usually follows this structure: 1. **GND (Ground):** Common reference point. 2. **Vout (Output):** Regulated voltage provided to the circuit. 3. **Vin (Input):** Unregulated DC input voltage. --- ### 3. Technical Parameters While exact specifications can vary slightly by manufacturer (e.g., Mitsumi or Ricoh), the "R" suffix generally implies specific taping and reeling for automated assembly. * **Input Voltage Range:** Usually 1.5V to 10V (depending on the specific series). * **Output Voltage Accuracy:** $\pm 2\%$ to $\pm 5\%$. * **Quiescent Current:** Very low (micro-amp range), making it ideal for battery-operated devices. * **Dropout Voltage:** Minimal difference required between Vin and Vout to maintain regulation. --- ### 4. Applications The M5R13RLJ-R is commonly found in small-scale consumer electronics where space and power efficiency are critical: * **Mobile Handsets:** Powering logic gates or memory modules. * **Wearables:** Smartwatches and fitness trackers. * **Precision Sensors:** Providing a stable reference voltage for analog-to-digital converters (ADCs). * **Battery Management:** Monitoring voltage thresholds to prevent over-discharge. --- ### 5. Part Number Decoding (Typical) | Code Segment | Meaning | | :--- | :--- | | **M5** | Series designation | | **R** | Regulator function | | **13** | 1.3 Volts output | | **RLJ** | Package and Internal Revision code | | **-R** | Tape and Reel packaging | ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative equivalent parts for the M5R13RLJ-R?
    • ⤷ What is the maximum input voltage rating for this component?
    • ⤷ How does the 'L' suffix affect the thermal characteristics of the package?