M5PT-50-R
AI

The **M5PT-50-R** is a high-precision NTC (Negative Temperature Coefficient) thermistor, typically part of a series used for accurate temperature sensing and compensation.
### 1. Component Overview
An NTC thermistor is a type of resistor whose resistance decreases as the temperature increases. The "M5PT" series is known for its stability and small form factor, often used in medical devices, industrial instrumentation, and automotive electronics.
---
### 2. Technical Specifications
While specific datasheets may vary slightly by manufacturer, the standard parameters for the M5PT-50-R are generally as follows:
| Parameter | Value / Description |
| :--- | :--- |
| **Resistance at 25°C ($R_{25}$)** | 50,000 Ohms (50kΩ) |
| **Tolerance** | Usually ±1% to ±5% (indicated by the suffix) |
| **Beta Value ($\beta_{25/85}$)** | Typically ranges from 3950K to 4200K |
| **Operating Temp Range** | -40°C to +125°C |
| **Dissipation Constant** | ~1.5 to 3.0 mW/°C (depending on mounting) |
| **Response Time** | Fast (due to small thermal mass) |
---
### 3. Electronic Characteristics
To integrate the M5PT-50-R into a circuit, engineers typically use a **Voltage Divider** configuration.
#### Voltage Divider Circuit
The thermistor ($R_{th}$) is placed in series with a fixed resistor ($R_{fixed}$).
```cpp
// Basic Calculation logic for Arduino/Microcontrollers
float V_out = V_in * (R_th / (R_fixed + R_th));
```
#### The Steinhart-Hart Equation
To convert the measured resistance into a precise temperature, the following mathematical model is used:
$$\frac{1}{T} = A + B \ln(R) + C (\ln(R))^3$$
*Where $T$ is temperature in Kelvin and $A, B, C$ are coefficients provided in the datasheet.*
---
### 4. Typical Applications
* **Battery Management Systems (BMS):** Monitoring cell temperature during charge/discharge cycles.
* **HVAC Systems:** Precise ambient air temperature monitoring.
* **Medical Equipment:** Skin or internal probes requiring high accuracy within a specific biological range.
* **Industrial Process Control:** Overheat protection for power transistors or motors.
---
- ⤷
What is the standard resistance tolerance for the 'R' suffix in this part number?
- ⤷ How do I calculate the Beta value if it is not provided on the label?
- ⤷ Can this thermistor be used in water-submerged applications?