M5PT-24-R
AI

The **M5PT-24-R** is a high-performance, industrial-grade AC/DC power supply module, typically used in DIN-rail mounting configurations for automation and control systems. It is designed to convert high-voltage AC input into a stable 24V DC output.
---
### 1. Key Technical Specifications
The following table highlights the primary electronic characteristics of the M5PT-24-R:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Input Voltage Range** | 85 - 264 VAC | Universal AC input range |
| **Output Voltage** | 24 VDC | Regulated DC output |
| **Current Rating** | ~5 Amps (typical) | Varies slightly by specific sub-model |
| **Power Rating** | 120W | Total output power capacity |
| **Efficiency** | >88% | High energy efficiency, low heat dissipation |
| **Mounting Type** | DIN Rail | Standard 35mm industrial rail |
---
### 2. Core Electronic Components
The internal architecture of the M5PT-24-R consists of several critical stages:
1. **EMI Filter Stage:** Prevents electromagnetic interference from entering the power grid and protects the internal circuits from line noise.
2. **Rectifier & PFC:** Converts AC to DC and includes **Power Factor Correction (PFC)** to improve energy efficiency and reduce harmonic distortion.
3. **Switching Transformer:** The "heart" of the SMPS (Switched-Mode Power Supply), which steps down the voltage through high-frequency switching.
4. **Output Rectification & Smoothing:** Uses high-speed Schottky diodes and large electrolytic capacitors to provide a clean, ripple-free 24V DC signal.
5. **Feedback Loop (Optoisolator):** Constantly monitors the output voltage and adjusts the switching frequency to maintain a steady 24V regardless of load changes.
---
### 3. Protection Features
To ensure the safety of connected sensitive electronics (like PLCs or sensors), the module includes:
* **Overload Protection:** Limits output current to prevent overheating.
* **Overvoltage Protection (OVP):** Shuts down the unit if the voltage exceeds a safe threshold (typically >28V).
* **Short Circuit Protection:** Automatically recovers once the fault is removed.
* **Thermal Shutdown:** Internal sensors disable the output if the unit exceeds safe operating temperatures.
---
### 4. Typical Applications
* **Industrial Automation:** Powering PLCs (Programmable Logic Controllers) and HMI panels.
* **Sensors:** Driving 24V inductive, capacitive, or ultrasonic sensors.
* **Motor Control:** Providing logic power to VFDs (Variable Frequency Drives).
* **IoT Gateways:** Stable power for industrial communication hubs.
- ⤷
What is the maximum operating temperature for the M5PT-24-R?
- ⤷ Does this model support parallel connection for increased power?
- ⤷ What is the typical MTBF (Mean Time Between Failures) for this unit?