công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5PA-D5-R

  • AI
    The **M5PA-D5-R** is a specific model of an electronic logic module, typically categorized as a **Digital Input/Output Terminal** or a **Relay Terminal Board**. It is frequently used in industrial automation to interface between programmable logic controllers (PLCs) and field devices. Below is a breakdown of its technical specifications and electronic components. --- ### 1. General Specifications The device acts as a bridge, converting low-level control signals into high-current switching or vice versa. | Feature | Specification | | :--- | :--- | | **Model** | M5PA-D5-R | | **Input Voltage** | 5V DC (Typically) | | **Signal Type** | Digital (PNP/NPN depending on wiring) | | **Terminal Type** | Screw or Push-in Terminals | | **Mounting** | DIN Rail (Standard 35mm) | | **Function** | Interface/Relay Isolation | --- ### 2. Key Electronic Parts & Construction The M5PA-D5-R is composed of several critical electronic segments: #### A. Relay Units (The "R" in the name) * **Purpose:** Provides physical isolation between the control circuit and the load. * **Component:** Small electromagnetic relays or Solid State Relays (SSRs). * **Function:** Allows a 5V logic signal to switch a much higher voltage (e.g., 250V AC or 30V DC). #### B. Input Protection Circuitry * **Optocouplers:** Often included to provide optical isolation, ensuring that electrical surges on the field side do not destroy the PLC/Microcontroller. * **Freewheeling Diodes:** Placed across the relay coils to prevent back-EMF (voltage spikes) when the relay is de-energized. #### C. Visual Indicators (LEDs) * **Status LEDs:** Usually red or green LEDs per channel to indicate whether a specific input or output is currently active. This is essential for field troubleshooting. #### D. Terminal Blocks * **Connectivity:** Robust screw terminals designed to handle industrial-grade wiring (14-22 AWG). --- ### 3. Application Use Case The M5PA-D5-R is commonly found in the following scenarios: 1. **PLC Expansion:** When a PLC has 5V outputs but needs to drive 24V valves or motors. 2. **Signal Isolation:** Protecting sensitive control boards from noisy electrical environments. 3. **Wiring Management:** Organizing messy point-to-point wiring into a structured rail-mounted block. --- ### 4. Circuit Diagram Logic ```text [ 5V Control Signal ] ---> [ Optocoupler ] ---> [ Relay Coil ] ---> [ Load Switch ] | | | (PLC Output) (Internal Diode) (Field Device) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the M5PA-D5-R relays?
    • ⤷ How do I wire this module for an NPN vs PNP configuration?
    • ⤷ Are there Solid State Relay versions of this specific terminal board?