công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5MV-156-R

  • AI
    The **M5MV-156-R** is a specific high-performance embedded display module, typically used in industrial, medical, or gaming applications. It is essentially a 15.6-inch LCD kit that integrates an LCD panel with an AD (Analog-to-Digital) controller board. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The unit is defined by its display characteristics and the interface used to drive the pixels. | Feature | Specification | | :--- | :--- | | **Panel Size** | 15.6 Inch (Diagonal) | | **Resolution** | 1920 x 1080 (Full HD) | | **Interface** | eDP (Embedded DisplayPort) / LVDS | | **Backlight Type** | LED (Light Emitting Diode) | | **Brightness** | Typically 300 - 450 cd/m² (Nits) | | **Input Voltage** | 12V DC (Standard for AD boards) | --- ### 2. Key Electronic Sub-systems #### A. The AD Controller Board (The "Brain") The "M5MV" prefix usually refers to the controller board series. This PCB converts external video signals (like HDMI or VGA) into a format the LCD panel understands (LVDS or eDP). * **Scalar IC:** The main chip that handles image scaling, color processing, and OSD (On-Screen Display) management. * **EEPROM/Flash:** Stores the firmware and EDID information so your computer recognizes the monitor's resolution. #### B. The Backlight Driver (Inverter/Converter) Modern M5MV units use LED backlighting. The electronic part responsible for this: * **Constant Current Driver:** Converts the input voltage to a stable current required to light up the LED strips behind the glass. * **PWM Dimming:** Allows the user to adjust brightness by rapidly pulsing the power to the LEDs. #### C. Connectivity Ports The physical electronic interfaces typically found on this module include: * **Video Inputs:** HDMI, DisplayPort, or VGA. * **Power Jack:** Standard DC barrel connector (12V). * **OSD Header:** A pin header for connecting physical buttons (Power, Menu, Up, Down). --- ### 3. Critical Components for Integration If you are repairing or integrating this part, pay attention to these electronic elements: ```markdown 1. LVDS/eDP Cable: The data bridge between the controller and the glass. 2. OSD Keypad: The small PCB with buttons used to control the display. 3. Power Adapter: Requires a regulated 12V supply (usually 2A to 4A). ``` --- ### 4. Application Context The "R" suffix often denotes a specific revision or a **Resistive/Capacitive Touch** integration. If your model includes a touch layer, it will feature an additional **USB Touch Controller IC** or an **I2C interface** to communicate finger coordinates to the host OS.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M5MV-156-R LVDS cable?
    • ⤷ Does this model support capacitive touch integration?
    • ⤷ What are the power consumption requirements for this display module?