M5MV-154W-R
AI

## Technical Overview: M5MV-154W-R
The **M5MV-154W-R** is a specific model of an **LCD Controller Board** (often referred to as an AD Board or Interface Bridge). These boards are designed to drive industrial-grade LCD panels by converting standard video input signals into signals the display panel can understand (typically LVDS).
---
### 1. Key Technical Specifications
Below is a summary of the electronic components and interface capabilities typical for this specific series:
| Component / Feature | Description |
| :--- | :--- |
| **Main Chipset** | Realtek or similar high-performance scaler IC |
| **Input Signal** | VGA (D-Sub 15pin) and DVI-D |
| **Output Interface** | Dual Link LVDS (supports 6-bit or 8-bit color) |
| **Maximum Resolution** | Up to 1920 x 1200 (WUXGA) @ 60Hz |
| **Power Input** | 12V DC (Standard 2.5mm jack or 4-pin header) |
| **OSD Control** | Supports 5-key or 7-key external keypad for menu settings |
---
### 2. Core Electronic Subsystems
The board is comprised of several critical electronic sections that work in tandem:
#### A. Power Management Unit (PMU)
The board utilizes step-down (buck) regulators to convert the 12V input into lower voltages required by the internal logic:
* **5V/3.3V:** For the scaling processor and EEPROM.
* **Panel VCC:** Switchable jumpers usually allow for 3.3V, 5V, or 12V to be sent directly to the LCD panel power pin.
#### B. Scaling Engine (The Processor)
The heart of the M5MV-154W-R is the scaler IC. It performs the following tasks:
1. **Analog-to-Digital Conversion (ADC):** Translates the analog VGA signal into digital data.
2. **Scaling:** Resizes the input image to fit the native resolution of the LCD.
3. **Frame Rate Conversion:** Matches the input refresh rate to the panel's timing.
#### C. Inverter / LED Driver Interface
The board features a dedicated 6-pin or 10-pin header to connect an external backlight driver. It provides:
* **Enable (EN):** Turns the backlight on/off.
* **Dimming (PWM/ADJ):** Controls brightness levels via Pulse Width Modulation.
---
### 3. Connection Pinout (Typical)
| Port | Function | Pin Count |
| :--- | :--- | :--- |
| **CN1** | DC Power Input | 4-Pin |
| **CN6** | LVDS Output to Panel | 30-Pin / 2.0mm |
| **CN8** | OSD Keypad Interface | 10-Pin |
| **CN10** | Backlight Control | 6-Pin |
---
### 4. Common Applications
* **Industrial Monitors:** Rugged displays used in manufacturing.
* **Kiosks:** Self-service terminals and ATMs.
* **Legacy Hardware Upgrades:** Used to repurpose old laptop screens or industrial panels for modern PC use via VGA/DVI.
- ⤷
How do I configure the jumper settings for panel voltage on this board?
- ⤷ What are the compatible LCD panels for the M5MV-154W-R?
- ⤷ Can this board be adapted to support HDMI input?