công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5MV-154-R

  • AI
    The **M5MV-154-R** is a high-performance **common mode choke** manufactured by **Coiltronics** (a brand under Eaton/Bussmann). It is primarily designed for data line noise suppression and power supply filtering. ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the M5MV-154-R: | Feature | Specification | | :--- | :--- | | **Inductance** | 150 $\mu$H (Typical) | | **Rated Current** | 1.3 Amperes | | **DC Resistance (DCR)** | 0.160 $\Omega$ (Maximum) | | **Isolation Voltage** | 500 Vrms | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | Surface Mount Device (SMD) | | **Dimensions** | Approx. 11.43mm x 8.89mm | --- ### 2. Core Functions & Operation The M5MV-154-R serves two main purposes in an electronic circuit: 1. **Common Mode Noise Rejection:** It allows DC and low-frequency signals (Differential Mode) to pass through while providing high impedance to high-frequency noise that travels in the same direction on both lines (Common Mode). 2. **Signal Integrity:** It helps maintain clean data transmission in telecommunications and networking equipment by filtering out electromagnetic interference (EMI). --- ### 3. Internal Configuration The "M5MV" series typically utilizes a **Toroidal Core** geometry. This design is highly efficient because: * It provides high magnetic coupling between windings. * It minimizes stray magnetic fields (low EMI radiation). * It offers a compact footprint for high-density PCB layouts. --- ### 4. Typical Applications This component is commonly found in the following environments: * **Telecommunications:** ADSL/VDSL lines and ISDN interfaces. * **Power Supplies:** Input/Output filtering for DC-DC converters. * **Industrial:** Noise suppression for CAN bus or RS-485 communication lines. * **Computing:** USB and IEEE1394 (FireWire) port protection. --- ### 5. Identification (Part Number Breakdown) * **M5MV:** Product Series (Low profile common mode choke). * **154:** Inductance code (15 followed by 4 zeros in picohenries, or 150 $\mu$H). * **R:** RoHS compliant (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode noise?
    • ⤷ Can you provide a wiring diagram for connecting this choke to a data line?
    • ⤷ What are the alternative components with similar specs for the M5MV-154-R?