công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5MV-04-R

  • AI
    The **M5MV-04-R** is a high-performance, ultra-compact vibration motor belonging to the **Linear Resonant Actuator (LRA)** category, typically manufactured by companies like Vybronics. These components are essential in modern handheld electronics for providing tactile feedback. --- ### 1. Technical Specifications The following table outlines the core electronic and physical characteristics of the M5MV-04-R: | Parameter | Specification | | :--- | :--- | | **Type** | Linear Resonant Actuator (LRA) | | **Direction of Vibration** | Z-Axis (Vertical) | | **Rated Voltage** | 2.0 Vrms | | **Operating Voltage Range** | 0.1 ~ 2.05 Vrms | | **Rated Current (Max)** | 95 mA | | **Resonant Frequency** | 235 Hz | | **Typical G-Force** | 1.40 G | | **Internal Resistance** | 22 $\Omega \pm 15\%$ | --- ### 2. Electronic Operating Principles Unlike traditional DC motors (ERMs) that spin an unbalanced weight, the M5MV-04-R operates through **electromagnetic induction**: * **Voice Coil & Magnet:** It contains a voice coil and a mass attached to a spring. When an AC signal is applied, the magnetic field interacts with the permanent magnet, moving the mass up and down. * **Resonance Dependency:** The motor is designed to vibrate most efficiently at its resonant frequency (**235 Hz**). If the input frequency deviates significantly from this value, the vibration strength drops drastically. * **AC Drive Requirement:** This part cannot be driven by a simple DC battery. It requires an H-bridge or a dedicated **LRA Driver IC** (e.g., TI DRV2605) to generate the necessary AC waveform. --- ### 3. Key Electronic Advantages * **Fast Start/Stop Times:** LRAs have much lower latency than rotating motors, allowing for "crisp" haptic effects like button clicks. * **Longer Lifespan:** Since there are no internal brushes to wear out, the M5MV-04-R offers superior reliability. * **Power Efficiency:** Consumes significantly less power for the same perceived vibration intensity compared to ERM motors. --- ### 4. Typical Implementation Circuit To integrate this part, a driver IC is used to translate digital commands into the 235Hz AC signal. ```cpp // Example: Driving an LRA via a Haptic Driver IC (Pseudo-code) #include void setup() { Haptic.begin(); Haptic.setMode(LRA_MODE); // Set to LRA mode for M5MV-04-R Haptic.setFrequency(235); // Set to resonant frequency } void loop() { // Trigger a "Double Click" haptic effect Haptic.playEffect(CLICK_75_PERCENT); delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷What are the best driver ICs recommended for the M5MV-04-R?
    • ⤷ How does the Z-axis vibration of an LRA differ from an ERM motor?
    • ⤷ Can I drive the M5MV-04-R using a standard PWM signal from a microcontroller?