M5MS-5-R/K
AI

The **M5MS-5-R/K** is a specific series of miniature pneumatic-to-electric interface components, typically associated with brands like **Festo** or similar industrial automation manufacturers. These devices are used to convert pneumatic signals into electrical signals (pressure switches).
---
### 1. General Specifications
The "M5" designation usually refers to the thread size, while the "5" often denotes the pressure range or operational characteristic.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Pneumatic-to-Electric Converter (Pressure Switch) |
| **Connection Port** | M5 Metric Thread |
| **Operating Pressure** | Typically 0 to 8 bar (specific to the "5" series) |
| **Contact Type** | Normally Open (NO) or Changeover (K-variant) |
| **Media** | Filtered compressed air (lubricated or unlubricated) |
---
### 2. Key Electronic Components
Internally, the device functions as a transducer. The transition from air pressure to electricity involves several key parts:
#### A. The Diaphragm/Piston
This is the mechanical interface. When air pressure enters the M5 port, it pushes against a flexible diaphragm or a small piston.
#### B. The Microswitch
Once the pressure reaches the "switching threshold," the mechanical movement triggers a small **microswitch**.
* **Contacts:** Usually made of silver or gold-plated alloys to ensure high conductivity and corrosion resistance.
* **Switching Voltage:** Typically supports 12V - 250V AC/DC (model dependent).
#### C. Electrical Terminals (The R/K Suffix)
The suffix in the part number often dictates how the electronic connection is made:
* **R (Radial/Push-in):** Often refers to the orientation or specific plug-in connector type.
* **K (Cable/Terminal):** Usually indicates a design with integrated lead wires or a specific terminal block configuration.
---
### 3. Circuit Integration
When integrating this part into an electronic control system (like a PLC), the wiring follows standard switch logic:
```yaml
Pneumatic Input (M5) -> Pressure Force -> Microswitch Closure -> Electrical Loop Closed
```
**Wiring Example:**
1. **Common (COM):** The input voltage source.
2. **Normally Open (NO):** Connected to the PLC Input. When pressure is applied, the circuit completes, sending a "High" signal to the controller.
---
### 4. Typical Applications
* **End-of-stroke sensing:** Detecting when a cylinder has reached its position via pressure build-up.
* **Safety Interlocks:** Ensuring a system has sufficient air pressure before allowing electronic components to activate.
* **Pressure Monitoring:** Simple "On/Off" feedback for pneumatic logic circuits.
- ⤷
What is the maximum switching frequency for the M5MS series?
- ⤷ How does the 'K' variant differ from the 'R' variant in terms of mounting?
- ⤷ Can this switch be used with vacuum applications or only positive pressure?