công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5MS-4W-R/K

  • AI
    The **M5MS-4W-R/K** is a specialized series of multi-sensor modules, typically associated with environmental sensing and smart detection systems. These modules are often used in high-end HVAC, air quality monitoring, and industrial automation. Below is a breakdown of the electronic components and technical specifications associated with this part. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12V - 24V DC | | **Communication Protocol** | RS-485 (Modbus RTU compatible) | | **Output Type** | Digital signal & Relay options | | **Sensor Types** | Temperature, Humidity, CO2, and VOC (depending on suffix) | | **Mounting** | Standard wall mount or internal panel mount | --- ### 2. Core Electronic Components The internal architecture of the M5MS-4W-R/K generally consists of the following functional blocks: #### A. Sensing Elements * **Capacitive Humidity Sensor:** Measures relative humidity by detecting changes in dielectric constants. * **NTC Thermistor / Digital Temp Sensor:** Provides high-precision temperature readings. * **NDIR (Non-Dispersive Infrared) Sensor:** Used in the CO2 versions to measure carbon dioxide concentration via infrared light absorption. #### B. Signal Processing & MCU * **Microcontroller (MCU):** An 8-bit or 32-bit MCU handles analog-to-digital conversion (ADC), applies calibration algorithms, and manages the communication stack. * **EEPROM Storage:** Used to store calibration data and Modbus ID addresses. #### C. Power Management * **Buck/Boost Converter:** Steps down the 24V input to 3.3V or 5V required for the internal logic and sensors. * **Protection Circuitry:** Includes TVS diodes and resettable fuses (PTC) to protect against overvoltage and polarity reversal. #### D. Communication Interface * **RS-485 Transceiver:** Enables long-distance data transmission (up to 1200m) with noise immunity using differential signaling. * **Isolation (Optional):** Some high-spec "K" variants feature optoisolators to prevent ground loops. --- ### 3. Suffix Definitions (R vs. K) While specifications vary by manufacturer (often associated with brands like Honeywell or local automation specialized firms), the suffixes generally denote: * **-R (Relay):** Indicates the inclusion of an onboard dry contact relay used to trigger fans or alarms directly when a threshold is met. * **-K (LCD/Keypad):** Often signifies a version with a local display or a "Keyboard" interface for manual parameter adjustment. --- ### 4. Typical Wiring Diagram Logic ```text [ Power + ] ----> (V+) [ Power - ] ----> (GND) [ RS-485 ] ----> (A / B) [ Relay ] ----> (COM / NO) ```
    ✨ Follow-up Questions
    • ⤷ What is the default Modbus baud rate for the M5MS series?
    • ⤷ Can the M5MS-4W-R relay handle 220V AC loads directly?
    • ⤷ How do you calibrate the CO2 sensor on this specific module?