M5MS-0-R/K
AI

The **M5MS-0-R/K** is a specific series of miniature precision magnetic sensors, typically produced by manufacturers like **Magnescale** (formerly Sony Precision Technology). These sensors are primarily used for high-resolution position detection in industrial automation and CNC machinery.
---
### 1. Technical Specifications
The "M5MS" series belongs to the **Magnescale** family of magnetic encoders. Below are the typical electronic characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Sensor Type** | Magnetic Bridge / MR (Magneto-Resistive) |
| **Output Signal** | Sinusoidal (Sin/Cos) Analog signals |
| **Input Voltage** | Typically 5V DC ± 5% |
| **Resolution** | Depends on the interpolation electronics (Interpolators) |
| **Operating Temp** | 0°C to 45°C (Standard industrial range) |
| **Accuracy** | High precision (Micro-meter level) |
### 2. Key Components & Working Principle
The electronic functionality of the M5MS-0-R/K relies on several integrated parts:
1. **MR Elements (Magneto-Resistive):** The "head" contains thin-film resistors whose resistance changes when exposed to a magnetic field.
2. **Magnetic Scale:** The sensor reads a specialized magnetic tape or rod (e.g., MSS-series) that has alternating North/South poles at precise intervals (e.g., 200μm or 400μm pitch).
3. **Signal Conditioning:** Internal circuitry balances the bridge output to ensure a stable 1Vp-p or similar differential signal, reducing electrical noise.
### 3. Part Number Breakdown (Typical)
* **M5MS:** Series designation (Miniature Magnetic Sensor).
* **0:** Often indicates the cable length or specific mounting style (Standard).
* **R / K:** Indicates the output connector type or cable orientation (Right-angle vs. Straight) and specific impedance matching.
### 4. Application Integration
Because these sensors output raw analog sine/cos waves, they cannot be plugged directly into a standard PLC input. They require:
* **Interpolators:** To convert the analog waves into digital A/B Phase pulses (TTL).
* **Shielded Cabling:** Crucial to prevent EMI (Electromagnetic Interference) from motors affecting the high-precision readings.
---
### Connection Schematic Example
```c
[ Magnetic Scale ] <--- [ M5MS Sensor Head ] === (Shielded Cable) ===> [ Interpolator/Counter ]
```
- ⤷
What are the compatible interpolators for the M5MS series?
- ⤷ How do I troubleshoot a weak signal output from a magnetic sensor?
- ⤷ What is the difference between the R and K suffix in Magnescale parts?