M5DY-3-R
AI

## Analysis of the M5DY-3-R (Reed Switch)
The **M5DY-3-R** is a specific model of a magnetic proximity sensor, commonly referred to as a **Reed Switch**. It is widely used in industrial automation, particularly for position sensing on pneumatic cylinders.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Magnetic Reed Switch |
| **Wiring System** | 2-Wire Type |
| **Logic** | Normally Open (SPST) |
| **Voltage Range** | 5V to 240V AC/DC |
| **Max Switching Current** | 100 mA |
| **Contact Capacity** | Max 10W |
| **Indicator Lamp** | Red LED (Lights up when triggered) |
| **Internal Voltage Drop** | 3.5V Max |
---
### 2. Internal Components and Construction
The "electronic parts" of this device are relatively simple but robust, designed for high-cycle industrial environments:
1. **Reed Capsule:** Two ferromagnetic metal reeds encapsulated in a glass tube. In the presence of a magnetic field, the reeds pull together to complete the circuit.
2. **Protective Resistor/Diode:** Limits current to protect the internal LED and ensures the circuit doesn't short out during switching.
3. **LED Indicator:** A small Light Emitting Diode connected in series/parallel to provide visual feedback when the magnetic field has successfully closed the switch.
4. **Casing:** Usually made of oil-resistant plastic or resin, designed to slide into the "T-slot" or "C-slot" of an air cylinder.
5. **Cable:** Typically a PVC-jacketed 2-core cable (Brown for Positive/Live, Blue for Negative/Neutral).
---
### 3. Connection Diagram
Since it is a 2-wire device, it acts as a simple switch in series with the load.
```text
[ Power + ] ----(Brown Wire)---- [ M5DY-3-R ] ----(Blue Wire)---- [ Load/PLC Input ] ---- [ Power - ]
```
> **Warning:** Never connect the Brown and Blue wires directly to a power source without a load (like a relay or PLC input), as this will cause an immediate short circuit and destroy the internal reed contact.
---
### 4. Common Applications
* **Pneumatic Cylinders:** Sensing the end-of-stroke position of a piston.
* **Safety Interlocks:** Detecting if a guard or door is closed.
* **Limit Switching:** Detecting the presence of a magnetic carrier on a conveyor.
- ⤷
What is the difference between a 2-wire and a 3-wire M5DY sensor?
- ⤷ Can this sensor be used with both AC and DC power supplies?
- ⤷ How do I troubleshoot an M5DY-3-R that is not triggering?