công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5CT-16-R/Q

  • AI
    ### Overview of M5CT-16-R/Q The **M5CT-16-R/Q** is a high-performance **Current Transformer (CT)** designed primarily for energy monitoring, industrial automation, and power measurement applications. These components are used to scale down high alternating currents (AC) to a lower, manageable level for safe measurement by electronic circuits (like microcontrollers or energy meters). --- ### Technical Specifications The "R/Q" suffix usually denotes specific output types or precision classes (e.g., Voltage output vs. Current output). | Feature | Specification (Typical) | | :--- | :--- | | **Primary Current Range** | Up to 16A (Nominal) | | **Frequency Range** | 50Hz / 60Hz | | **Turns Ratio** | 1000:1 or 2000:1 (Model dependent) | | **Accuracy Class** | 0.1 to 0.5 Class | | **Insulation Voltage** | >2500V AC | | **Mounting Type** | PCB Mount / Through-hole | --- ### Key Electronic Components & Working Principle The M5CT-16 functions based on **Faraday’s Law of Induction**. Internally, it consists of the following elements: 1. **Toroidal Core:** Made of high-permeability nanocrystalline or silicon steel. This concentrates the magnetic flux generated by the primary wire. 2. **Secondary Winding:** Multiple turns of fine copper wire wrapped around the core. This is where the reduced current is induced. 3. **Encapsulation:** Epoxy resin potting provides moisture resistance and high dielectric insulation between the high-voltage primary side and the low-voltage secondary side. 4. **Burden Resistor (for "V" or "Q" versions):** Some models include an internal resistor to convert the secondary current into a precise voltage output (e.g., 0-5V). --- ### Application Circuit Example When integrating the M5CT-16 into a circuit, it is typically connected as follows: ```cpp // Logic for Reading Current via ADC float readCurrent() { int rawADC = analogRead(A0); float voltage = (rawADC * 5.0) / 1024.0; // Calculate current based on CT ratio (e.g., 1V = 10A) float current = voltage * calibrationFactor; return current; } ``` --- ### Safety Precautions * **Open Circuit Risk:** Never leave the secondary terminals of a current transformer open while the primary is energized. This can lead to extremely high voltage spikes that can damage the component or cause electrical shock. * **Saturation:** Ensure the primary current does not exceed the rated 16A for prolonged periods to avoid core saturation, which leads to inaccurate readings and heat.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q versions regarding output signal?
    • ⤷ How do I calculate the burden resistor value for this specific CT?
    • ⤷ Can this component be used for DC current measurement?