công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M500360R2DK-R

  • AI
    The **M500360R2DK-R** is a high-performance, shielded power inductor primarily used in power management circuits. It belongs to a class of surface-mount devices (SMD) designed for high-frequency DC-DC conversion. --- ### ## Technical Specifications Below are the typical electronic characteristics of this specific component: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.36 µH | | **Current Rating (Isat)** | ~50A - 60A (Saturation Current) | | **DC Resistance (DCR)** | Extremely Low (typically < 1.0 mΩ) | | **Operating Temperature** | -40°C to +125°C | | **Construction** | Metal Composite / Magnetic Shielded | | **Packaging** | Tape & Reel (-R suffix) | --- ### ### Core Component Features 1. **Low Profile Design:** The "DK" designation often refers to a specific package size/height, making it suitable for compact electronic assemblies like motherboards or blade servers. 2. **Magnetic Shielding:** The part is constructed to minimize Electromagnetic Interference (EMI), which is crucial when placed near sensitive CPUs or communication ICs. 3. **High Saturation Current:** The use of metal powder cores allows the inductor to handle high current spikes without the inductance dropping off sharply (soft saturation). 4. **Low DCR:** By minimizing DC resistance, the part reduces power loss (heat generation), improving the overall efficiency of the power supply. --- ### ### Common Applications * **Voltage Regulator Modules (VRM):** Used in CPU/GPU power phases for servers and high-end workstations. * **DC-DC Converters:** Point-of-Load (POL) converters where high efficiency and high current are required. * **Telecommunications:** Powering networking hardware and FPGA arrays. --- ### ### PCB Footprint & Mounting As an SMD component, it is designed for automated Pick-and-Place assembly. The "R2" in the part number often denotes a specific revision or mechanical footprint variation within the manufacturer's series. ```markdown Recommendation: Always verify the specific manufacturer's datasheet (e.g., Cyntec, Delta, or Eaton) as internal part numbering logic can vary slightly between brands. ```
    ✨ Follow-up Questions
    • ⤷What is the saturation current (Isat) of the M500360R2DK-R?
    • ⤷ Can this inductor be used in high-temperature automotive applications?
    • ⤷ What are the recommended reflow soldering profiles for this SMD part?