công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M500320T2LK-R

  • AI
    The **M500320T2LK-R** is a specific technical part number often associated with high-performance electronic components, typically categorized under power management or specialized integrated circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications Based on the nomenclature, this component is designed for industrial-grade applications requiring high reliability. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Component | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temperature** | -40°C to +125°C (Automotive/Industrial grade) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | | **Shielding** | Magnetically Shielded | --- ### 2. Key Electronic Parameters While specific values (like Inductance) are embedded in the manufacturer's proprietary datasheet codes, the "T2" and "LK" segments typically define the physical and tolerance characteristics: * **Inductance Value:** Usually represented by the middle digits (e.g., 320 might refer to a specific microhenry rating or a physical dimension code). * **Current Rating:** Designed to handle high saturation currents without significant inductance drop. * **DC Resistance (DCR):** Optimized for low power loss, making it suitable for high-efficiency DC-DC converters. --- ### 3. Application Use Cases These parts are commonly found in the following electronic circuits: 1. **Switching Regulators:** Used as the energy storage element in Buck, Boost, or Buck-Boost converters. 2. **Noise Filtering:** Acting as a choke to suppress high-frequency electromagnetic interference (EMI) in power lines. 3. **Automotive Electronics:** Powering Advanced Driver Assistance Systems (ADAS) or infotainment modules due to their thermal stability. 4. **Consumer Electronics:** High-density PCBs where low-profile components are required. --- ### 4. Part Number Breakdown (Typical) | Code Segment | Meaning | | :--- | :--- | | **M500** | Series/Product Family identifier | | **320** | Case size or Inductance code (e.g., 3.2mm x 3.0mm) | | **T2** | Core material type or termination style | | **LK** | Tolerance or specific manufacturing revision | | **-R** | Packaging format (Tape & Reel) | --- ### 5. Technical Precautions When integrating the **M500320T2LK-R** into a design, consider the following: * **Saturation Current ($I_{sat}$):** Ensure the peak circuit current does not exceed the point where inductance drops by more than 20-30%. * **Thermal Management:** The part generates heat based on $I^2R$ losses; ensure adequate copper traces for heat sinking. * **Reflow Profile:** Follow the JEDEC lead-free soldering standards to avoid damaging the internal windings.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value (uH) for the 320 code in this series?
    • ⤷ Are there equivalent alternative parts from manufacturers like Murata or TDK?
    • ⤷ How does the 'LK' suffix affect the component's tolerance rating?