công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M50026DRLK-R

  • AI
    The **M50026DRLK-R** is a specialized high-performance integrated circuit (IC) primarily used in networking and telecommunications equipment. It is categorized as a **10/100/1000 Base-T Single Port Discrete Magnetic Module**, often functioning as a high-speed transformer or filter for Ethernet interfaces. --- ### Technical Specifications The following table outlines the core electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Type** | Ethernet Magnetic Transformer / LAN Filter | | **Configuration** | Single Port (Discrete) | | **Speed Support** | 10/100/1000 Mbps (Gigabit Ethernet) | | **Turns Ratio** | 1CT:1CT (Transmit & Receive) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Package Type** | SMD (Surface Mount Device) | | **RoHS Status** | Compliant | --- ### Core Functional Blocks The "Electronic Parts" within this module consist of several passive components miniaturized into a single SMD package: 1. **Isolation Transformers:** These provide galvanic isolation between the Ethernet cable and the PHY (Physical Layer) chip. This protects the sensitive circuitry from high-voltage surges and static electricity. 2. **Common Mode Chokes (CMC):** These are wound components designed to suppress Electromagnetic Interference (EMI) and noise, ensuring signal integrity over long cable runs. 3. **Center Taps:** Used to provide DC power injection for Power over Ethernet (PoE) applications or to establish bias voltages for the PHY chip. --- ### Application Context The M50026DRLK-R acts as the "bridge" between the RJ45 connector and the Ethernet Controller. Its primary roles include: * **Impedance Matching:** Ensures the 100-ohm differential impedance of the Ethernet cable matches the requirements of the controller. * **Signal Shaping:** Filters high-frequency noise that could cause data packet loss. * **Safety:** Prevents ground loops and protects the device from external electrical faults. --- ### Typical Pinout Configuration While specific layouts depend on the manufacturer, these modules generally follow a standard 24-pin or 12-pin SMD footprint: * **Pins 1-12 (Cable Side):** Connect to the RJ45 pins (TD+, TD-, RD+, RD-, etc.). * **Pins 13-24 (IC Side):** Connect to the Ethernet PHY chip.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the M50026DRLK-R?
    • ⤷ How does the isolation voltage rating impact circuit safety in industrial environments?
    • ⤷ Can this specific part support Power over Ethernet (PoE) standards?