công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M50017DRLK-R

  • AI
    ## Technical Overview of M50017DRLK-R The **M50017DRLK-R** is a specialized power semiconductor module, typically categorized as a **Thyristor (SCR) Module** or a Power Block. These components are designed for high-power switching and rectification in industrial environments. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics for this class of device: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Thyristor / Diode Module | Power Block | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | Maximum voltage in reverse state | Up to 1600V - 1800V | | **Average On-State Current ($I_{T(AV)}$)** | Continuous current capacity | ~170A - 200A | | **Circuit Configuration** | Internal wiring layout | Dual Thyristor or Thyristor/Diode | | **Isolation Voltage** | Dielectric strength of the baseplate | 2500V AC | | **Operating Temperature** | Thermal range | -40°C to +125°C | --- ### 2. Functional Electronic Parts The internal architecture of the M50017DRLK-R consists of several critical layers and sub-components: 1. **Silicon Dies (The Core):** * The heart of the module contains large-area silicon wafers (Thyristors). These act as the electronic switches that handle high currents. 2. **DBC (Direct Bonded Copper) Substrate:** * This provides electrical insulation from the mounting base while maintaining high thermal conductivity to move heat away from the silicon. 3. **Gate Leads:** * Small terminals used to provide the "trigger" signal to the Thyristor. Once a pulse is sent to the gate, the device conducts until the current drops to near zero. 4. **Copper Baseplate:** * A thick metal base that acts as a heat spreader, usually mounted to a heatsink using thermal paste. --- ### 3. Common Applications The M50017DRLK-R is commonly integrated into the following systems: * **AC/DC Motor Drives:** Controlling the speed and torque of industrial motors. * **Soft Starters:** Reducing the inrush current when starting large electrical motors. * **Power Supplies:** Used in high-power rectifiers for welding equipment or plating. * **Temperature Controllers:** Managing resistive heating elements in furnaces. --- ### 4. Circuit Representation In a schematic, this module is often represented as two thyristors in series or a bridge configuration. ```mermaid graph LR A[Anode 1] --- T1((SCR 1)) T1 --- K1[Cathode 1 / Anode 2] K1 --- T2((SCR 2)) T2 --- K2[Cathode 2] G1[Gate 1] -.-> T1 G2[Gate 2] -.-> T2 ```
    ✨ Follow-up Questions
    • ⤷ What are the specific cooling requirements for the M50017 series?
    • ⤷ How does a Thyristor module differ from an IGBT module in high-power applications?
    • ⤷ What is the pinout configuration for the M50017DRLK-R?