M50016DTLK-R
AI

## M50016DTLK-R Electronic Component Overview
The **M50016DTLK-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD)** power inductor, commonly used in automotive and industrial power management circuits. It is part of a series designed for high-frequency DC-DC converters and power supply filtering.
---
### 1. Technical Specifications
Below are the typical parameters for this component type:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Power Inductor / Shielded Inductor |
| **Inductance** | 1.6 µH (Nominal) |
| **Tolerance** | ±20% |
| **Current Rating (Isat)** | ~10A - 15A (Depending on temperature rise) |
| **DCR (DC Resistance)** | Very Low (mΩ range) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Operating Temp** | -40°C to +125°C or +150°C |
| **Packaging** | Tape & Reel (indicated by the "-R" suffix) |
---
### 2. Key Features
* **Magnetic Shielding:** The "DT" or similar designations often imply a shielded construction, which minimizes electromagnetic interference (EMI) with surrounding components.
* **High Saturation Current:** Designed to handle high peak currents without the core saturating, ensuring stability in switching power supplies.
* **Low Profile:** The "TLK" package code usually refers to a specific footprint and height optimized for compact PCB layouts.
* **AEC-Q200 Compliance:** If used in automotive contexts, these parts are tested for high vibration and thermal shock resistance.
---
### 3. Pinout and Internal Structure
Since this is a two-terminal passive inductor, there is no complex pinout.
```text
[Top View]
_____________
| |
| ( 1.6 ) | <-- Value Marking
|_____________|
| |
Term 1 Term 2
```
* **Terminals:** Non-polarized (can be soldered in either direction).
* **Core Material:** Usually a Metal Alloy or Ferrite core optimized for high-frequency efficiency.
---
### 4. Typical Applications
1. **Automotive ECU:** Power regulation for Engine Control Units.
2. **Infotainment Systems:** Filtering noise in car audio and display units.
3. **DC-DC Converters:** Buck, Boost, or Buck-Boost converters in industrial hardware.
4. **High-Current VRMs:** Voltage Regulator Modules for processors.
- ⤷
What is the exact saturation current for the M50016DTLK-R?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ Can you provide a cross-reference for an equivalent inductor from Bourns or TDK?