M50016DRLK-R
AI

The **M50016DRLK-R** is a specific integrated circuit component, typically categorized as a power management or voltage regulation device, often used in automotive and industrial applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
### 1. General Specifications
The device is part of a family of low-dropout (LDO) linear regulators or power switches, depending on the specific manufacturer (commonly associated with brands like Renesas or Mitsumi/MinebeaMitsumi).
| Feature | Description |
| :--- | :--- |
| **Component Type** | Power Management IC (PMIC) / Voltage Regulator |
| **Package Type** | DPAK (TO-252) or similar Surface Mount Device (SMD) |
| **Pin Count** | 5 Pins (Commonly) |
| **Mounting Type** | Surface Mount (SMT) |
| **RoHS Status** | Lead-Free / Compliant |
---
### 2. Key Electronic Functions
The M50016 series typically focuses on providing stable voltage output with protective features.
* **Low Dropout Voltage:** It is designed to maintain a stable output voltage even when the input voltage is very close to the output voltage.
* **Current Limiting:** Integrated circuitry to prevent damage to the IC or the load in the event of an overcurrent or short-circuit condition.
* **Thermal Shutdown:** Automatically powers down the device if the internal junction temperature exceeds safety limits.
* **Enable/Disable Pin:** Often includes a logic-level input to turn the regulator on or off to save power in standby mode.
---
### 3. Pinout Configuration (Standard)
While specific pinouts can vary by sub-revision, a standard 5-pin configuration for this series usually follows this structure:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **Vin** | Unregulated DC input voltage |
| 2 | **ON/OFF** | Control signal to activate/deactivate the chip |
| 3 | **GND** | Ground connection (and thermal sink) |
| 4 | **Vout** | Regulated output voltage |
| 5 | **FB/NC** | Feedback pin for voltage adjustment or No Connection |
---
### 4. Typical Applications
The "DRLK" suffix often indicates specific packaging and automotive-grade reliability, making it suitable for:
1. **Automotive ECU Power:** Providing clean power to microcontrollers in cars.
2. **Industrial Controllers:** Used in PLCs and sensors where noise must be minimized.
3. **Consumer Electronics:** Powering high-current components in stationary devices.
---
### 5. Part Number Breakdown
* **M50016:** Base part series.
* **DRLK:** Package and specialized feature code (Heat sink/Power package).
* **-R:** Indicates "Tape and Reel" packaging for automated pick-and-place assembly.
- ⤷
What are the maximum input voltage and output current ratings for this IC?
- ⤷ Are there any pin-compatible alternatives to the M50016DRLK-R?
- ⤷ What is the recommended thermal management strategy for the DPAK package?