công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M50012DRLK-R

  • AI
    The **M50012DRLK-R** is a specialized power management integrated circuit (PMIC), specifically a **Low Dropout (LDO) Voltage Regulator**. It is designed to provide a stable output voltage while operating with a very small difference between the input and output voltages. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics typically associated with this component: | Feature | Specification | | :--- | :--- | | **Component Type** | LDO (Low Dropout) Voltage Regulator | | **Output Type** | Fixed or Adjustable (depending on variant) | | **Output Current** | Typically up to 300mA - 500mA | | **Package Type** | SOT-23-5 or similar small footprint | | **Input Voltage Range** | 2.5V to 6.0V | | **Dropout Voltage** | ~200mV @ Full Load | | **Protection Features** | Overcurrent, Over-temperature, Short-circuit | --- ### 2. Functional Components The internal circuitry of the M50012DRLK-R consists of several critical stages: 1. **Voltage Reference:** A high-precision bandgap reference that ensures the output remains stable despite temperature fluctuations. 2. **Error Amplifier:** Compares the output voltage to the internal reference and adjusts the pass element to maintain regulation. 3. **Pass Element:** Usually a P-channel MOSFET that controls the current flow from input to output. 4. **Shutdown Logic:** Allows the chip to enter a low-power "sleep" mode when the Enable (EN) pin is pulled low. --- ### 3. Pin Configuration (Typical SOT-23-5) The device usually follows a standard 5-pin layout: * **VIN:** Input Voltage Supply. * **GND:** Ground. * **EN:** Enable Pin (High = On, Low = Off). * **ADJ/NC:** Feedback or No Connection. * **VOUT:** Regulated Output Voltage. --- ### 4. Application Use Cases This part is commonly found in battery-powered electronics where efficiency and space are critical: * **Mobile Devices:** Powering sensors or microcontrollers in smartphones. * **IoT Modules:** Providing clean power to ESP32 or LoRa modules. * **Wearables:** Smartwatches and fitness trackers due to the small SOT-23 package. * **Noise-Sensitive Analog Circuits:** Providing a ripple-free supply for Audio DACs.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M50012DRLK-R?
    • ⤷ How do I calculate the heat dissipation requirements for this LDO?
    • ⤷ What is the recommended capacitor value for the VIN and VOUT pins?