công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M500126TPK-R

  • AI
    The **M500126TPK-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, particularly for voltage regulation and noise filtering. --- ### 1. Technical Specifications While specific data can vary slightly by manufacturer, the "M50" series usually follows these general parameters: | Parameter | typical Specification | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance** | Specified by the "126" code (approx. 120µH to 126µH) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by the "-R") | | **Material** | Ferrite Core (Shielded or Semi-shielded) | ### 2. Breakdown of the Part Number * **M50**: Usually refers to the series name or the physical dimensions (e.g., 5.0mm x 5.0mm footprint). * **126**: The inductance value code. Typically, the first two digits are significant figures and the third is the multiplier (12 x 10^6 nH), or a direct reference to a 126µH value depending on the vendor's coding system. * **TPK**: Refers to the internal construction, tolerance (e.g., ±20%), and material composition. * **-R**: Indicates "RoHS Compliant" and "Tape & Reel" packaging for automated pick-and-place machines. ### 3. Key Electronic Functions The M500126TPK-R serves three primary roles in a circuit: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the switching cycle to maintain a steady output current. 2. **Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through. 3. **Impedance Matching:** Used to manage signal integrity in specific power stages to prevent sudden spikes in current. ### 4. Typical Applications * **Power Supplies:** Used in VRMs (Voltage Regulator Modules) for laptops and motherboards. * **Consumer Electronics:** Power management for LED drivers, SSDs, and handheld devices. * **Industrial:** DC-DC conversion in automation sensors and controllers. --- ### 5. Schematic Representation In a circuit diagram, this part is represented by the standard inductor symbol: ```text L1 ----CCCC---- 126uH ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific inductor series?
    • ⤷ Are there equivalent cross-references from manufacturers like TDK or Murata?
    • ⤷ How does the 'TPK' suffix affect the thermal performance of the part?