công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M4334G-S08-R

  • AI
    The **M4334G-S08-R** is a specific integrated circuit (IC) part number, typically associated with a **Low Voltage / Low Power Audio Power Amplifier** (often a version of the LM4334 or a CMOS equivalent). This part is commonly used in portable electronic devices. Below is a breakdown of the technical specifications and characteristics. --- ### 1. Part Number Breakdown While manufacturer prefixes can vary, the suffixing usually follows this standard industry convention: | Component Part | Meaning | | :--- | :--- | | **M4334** | The base model series (Audio Amplifier) | | **G** | Halogen-free and RoHS compliant (Green) | | **S08** | Package type: **SOP-8** (Small Outline Package, 8 pins) | | **R** | Packaging type: **Tape & Reel** | --- ### 2. Technical Specifications The M4334 series is designed to provide high-quality output power with minimal external components. | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage (Vcc)** | 2.0V to 6.0V | | **Output Power** | ~1.0W to 2.0W (depending on load and Vcc) | | **Load Impedance** | 4Ω or 8Ω | | **Shutdown Current** | < 1µA (Typical) | | **THD+N** | < 1% at rated power | | **Operating Temp** | -40°C to +85°C | --- ### 3. Key Features * **Bridge-Tied Load (BTL):** It operates in BTL mode, which means it does not require output coupling capacitors, saving board space and reducing cost. * **External Gain Setting:** The gain can be adjusted using external resistors. * **Low Shutdown Current:** Extremely low power consumption when the device is disabled, making it ideal for battery-powered gadgets. * **Thermal Protection:** Built-in circuitry to prevent damage from overheating. * **Pop/Click Suppression:** Features internal circuitry to minimize noise during power-up or power-down sequences. --- ### 4. Pin Configuration (SOP-8) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **SHDN** | Shutdown Control (Active Low/High depending on logic) | | 2 | **BYPASS** | Tap for internal mid-supply voltage | | 3 | **+IN** | Non-inverting Input | | 4 | **-IN** | Inverting Input | | 5 | **VO1** | Amplifier Output 1 | | 6 | **VDD** | Positive Supply Voltage | | 7 | **GND** | Ground | | 8 | **VO2** | Amplifier Output 2 | --- ### 5. Common Applications * **Portable Devices:** Smartphones, MP3 players, and tablets. * **Computing:** Notebook computers and desktop speakers. * **Handheld Tools:** Walkie-talkies and portable scanners. * **IoT:** Smart home speakers and voice-controlled assistants.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the M4334G?
    • ⤷ How do I calculate the external gain for this specific amplifier?
    • ⤷ What is the maximum recommended supply voltage to avoid thermal shutdown?