M3V66V2CJ-R
AI

## Technical Analysis: M3V66V2CJ-R
The **M3V66V2CJ-R** is a specific surface-mount electronic component, primarily identified as a **VCXO (Voltage Controlled Crystal Oscillator)**. These components are critical for frequency control and timing in high-speed digital systems.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the core electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | VCXO | Voltage Controlled Crystal Oscillator |
| **Package Type** | SMD (6-pad) | Surface Mount Device, typically 7x5mm or 5x3.2mm |
| **Supply Voltage** | 3.3V (Typical) | Indicated by the "V" in the prefix |
| **Output Type** | CMOS / LVCMOS | Standard digital square wave output |
| **Frequency Stability** | ±50ppm or ±25ppm | Varies based on specific sub-grading |
| **Control Voltage** | 1.65V Center | Range usually 0.3V to 3.0V |
| **Packaging** | Tape & Reel | The "-R" suffix indicates Tape and Reel delivery |
---
### 2. Electronic Functions & Terminology
To understand how this part functions within a circuit, consider these three primary electronic aspects:
#### A. Voltage Control (The "V")
Unlike a fixed-frequency crystal, this part allows the output frequency to be "pulled" or adjusted slightly by changing the input voltage on a specific control pin. This is essential for **Phase-Locked Loops (PLLs)**.
#### B. Frequency Generation
It uses a quartz crystal resonator combined with an internal IC to generate a stable clock signal. The "66" in the part number often refers to the base frequency or a specific frequency code (e.g., 66.66 MHz).
#### C. Output Logic
The device provides a high-speed CMOS output, meaning it can drive other digital ICs (FPGAs, CPUs) directly without needing complex interface circuitry.
---
### 3. Pin Configuration (Typical 6-Pad SMD)
| Pin # | Function | Description |
| :--- | :--- | :--- |
| **1** | Vc | Control Voltage (Frequency adjustment) |
| **2** | E/D or NC | Enable/Disable (Tri-state) or No Connect |
| **3** | GND | Circuit Ground |
| **4** | Output | The generated clock signal |
| **5** | NC | No internal connection |
| **6** | Vdd | Power Supply (3.3V) |
---
### 4. Common Applications
* **Telecommunications:** Synchronizing data streams in networking gear.
* **Video Equipment:** Genlocking signals in broadcast hardware.
* **Instrumentation:** Providing a tunable reference for test and measurement tools.
* **Clock Recovery:** Used in circuits that need to "lock onto" an incoming data signal frequency.
---
- ⤷
What is the exact output frequency for the '66' code in this part number?
- ⤷ Can you provide the physical dimensions for the CJ-R package style?
- ⤷ What are the recommended decoupling capacitor values for the Vdd pin?