M3V66T1CJ-R
AI

The **M3V66T1CJ-R** is a specific surface-mount **Voltage Controlled Crystal Oscillator (VCXO)**. These components are critical in telecommunications and high-speed data transmission for frequency synchronization and clock generation.
Below is the technical breakdown of its electronic characteristics.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary specifications:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | VCXO | Voltage Controlled Crystal Oscillator |
| **Package Size** | 7.0 x 5.0 mm | Standard 6-pad SMD ceramic package |
| **Output Type** | CMOS / HCMOS | High-speed digital logic output |
| **Supply Voltage (Vcc)** | 3.3V | Standard operating voltage |
| **Frequency Stability** | ±50 ppm (Typical) | Variation over temperature/aging |
| **Operating Temp** | -40°C to +85°C | Industrial grade temperature range |
| **Pulling Range** | ±100 ppm | Range the frequency can be "tuned" via voltage |
---
### 2. Functional Pins (6-Pad Layout)
The device typically uses a 6-pad configuration to manage power, output, and frequency control.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **V_control** | Control voltage input to adjust the output frequency. |
| **2** | **E/D** | Enable/Disable (Tri-state) function. |
| **3** | **GND** | Ground connection. |
| **4** | **Output** | The primary clock frequency output signal. |
| **5** | **NC / Comp** | No connection or complementary output. |
| **6** | **Vdd** | Positive power supply (+3.3V). |
---
### 3. Electronic Characteristics
* **Voltage Control (VC):** Unlike a standard crystal, this part allows the user to fine-tune the output frequency by applying a DC voltage (usually 0V to Vcc) to Pin 1. This is essential for Phase-Locked Loops (PLL).
* **Low Phase Jitter:** These parts are engineered for low "noise" in the time domain, making them suitable for Ethernet, SONET, and high-speed fiber channel applications.
* **Tri-state Functionality:** This allows the output to be put into a high-impedance state, effectively disconnecting the clock from the rest of the circuit for testing or power-saving purposes.
---
### 4. Typical Applications
* **Phase-Locked Loops (PLL):** Used to synchronize the clock of a local system with an incoming data stream.
* **Networking Equipment:** Switches, routers, and base stations.
* **Digital Video:** Used in broadcasting equipment to maintain frame synchronization.
- ⤷What is the difference between a standard XO and this VCXO model?
- ⤷ How does the control voltage (Pin 1) affect the frequency output?
- ⤷ What are the soldering requirements for the 7.0x5.0mm SMD package?