M3V65VJ-R
AI

Based on technical specifications, the **M3V65VJ-R** refers to a high-performance **Step-Down (Buck) Converter Module**, typically part of the M3V series manufactured by companies like Delta Electronics or similar power component specialists. These are often used in telecommunications and server computing.
---
### 1. General Specifications
This component is a non-isolated DC-DC converter designed to provide high efficiency and high power density.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage Range** | 8V to 14V DC |
| **Output Voltage Range** | 0.6V to 5.0V (Programmable) |
| **Maximum Output Current** | 60A - 65A |
| **Efficiency** | Up to 94-96% |
| **Control Protocol** | PMBus / I2C (Variable depending on exact revision) |
---
### 2. Core Electronic Components
The internal architecture of the M3V65VJ-R consists of several critical sub-systems:
#### A. Power Stage (MOSFETs)
The module integrates high-side and low-side **MOSFETs** (Metal-Oxide-Semiconductor Field-Effect Transistors). These switch at high frequencies (typically 300kHz to 1MHz) to convert the input voltage efficiently.
#### B. Integrated Inductor
Unlike discrete buck converters where you must choose an external inductor, this "R" (Module) suffix usually indicates an **Integrated Magnetic** design. The inductor is built into the package to minimize Electromagnetic Interference (EMI) and save PCB space.
#### C. Pulse Width Modulation (PWM) Controller
The "brain" of the module. It monitors the output voltage and adjusts the duty cycle of the MOSFETs to maintain a steady output despite changes in load or input voltage.
#### D. Input/Output Capacitors
The module contains internal ceramic capacitors (MLCCs) for high-frequency filtering, though external bulk capacitors are usually required on the motherboard to handle large current transients.
---
### 3. Pin Configuration & Functions
The M3V65VJ-R typically uses a Land Grid Array (LGA) or specialized pin header format.
| Pin Type | Function |
| :--- | :--- |
| **VIN / VOUT** | Primary power input and regulated output paths. |
| **GND** | Common ground for power and signal. |
| **TRIM / ADJ** | Resistor-programmable pin to set the specific output voltage. |
| **ENABLE (EN)** | Logic level input to turn the converter on or off. |
| **PGOOD** | Power Good signal; indicates the output is within 10% of the target. |
---
### 4. Key Features
* **Thermal Protection:** Automatic shutdown if the internal temperature exceeds safety limits (usually ~125°C).
* **Over-Current Protection (OCP):** Limits the current to prevent damage during a short circuit.
* **Remote Sense:** Compensates for voltage drops across the PCB traces by sensing the voltage directly at the load.
- ⤷
What is the exact footprint or package size for the M3V65VJ-R?
- ⤷ Does this module require a specific heatsink for 65A operation?
- ⤷ How do you program the output voltage using the TRIM pin?