công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3V65V2AJ-R

  • AI
    The **M3V65V2AJ-R** is a specialized electronic component, specifically a **Voltage Controlled Crystal Oscillator (VCXO)** manufactured by **EPSON**. It belongs to the VG-4513CA or similar high-performance series, designed for precision timing and frequency control. --- ### 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Frequency Range** | Typically 100 MHz to 200 MHz (Varies by sub-code) | | **Supply Voltage ($V_{cc}$)** | 3.3V (indicated by the '3V' prefix) | | **Output Type** | LV-PECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Package Size** | 7.0 x 5.0 mm (Standard 6-pin SMD) | | **Frequency Tolerance** | ±50 ppm or better (depending on grade) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Breakdown To understand how this part works, we can look at its internal architecture: * **Voltage Control (VC):** Unlike a fixed oscillator, this part has a "Control Voltage" pin. By varying the voltage on this pin, the output frequency can be "pulled" or adjusted slightly. This is critical for synchronizing signals in Phase-Locked Loops (PLLs). * **LV-PECL Output:** This part uses differential signaling. LV-PECL is favored in high-speed electronics because it provides excellent noise immunity and very low jitter. * **Low Jitter Performance:** The "AJ" suffix often denotes a specific low-phase-noise characteristic, making it suitable for high-speed data transmission where timing errors must be minimized. --- ### 3. Application Use Cases This component is typically found in high-reliability communication infrastructure, including: 1. **Optical Networking:** SONET/SDH and 10G/40G/100G Ethernet equipment. 2. **Base Stations:** Used in 4G/5G cellular infrastructure for clock synchronization. 3. **Broadcast Video:** Precision timing for high-definition video processing units. 4. **Test & Measurement:** High-end oscilloscopes and signal generators. --- ### 4. Part Number Decoding (Example) While Epson’s coding can vary, the string generally breaks down as follows: * **M3:** Often refers to the supply voltage (3.3V). * **V:** Designates the "Voltage Control" function. * **65:** Package/Series identifier. * **AJ:** Frequency stability/Operating temperature code. * **R:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the specific center frequency for the M3V65V2AJ-R?
    • ⤷ What are the termination requirements for an LV-PECL output?
    • ⤷ How does a VCXO differ from a standard TCXO?