công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3V65T2AJ-R

  • AI
    The **M3V65T2AJ-R** is a specific part number typically associated with high-performance **Synchronous DRAM (SDRAM)**, often used in automotive or industrial applications. Based on the standard nomenclature for this series, here is a detailed breakdown of its electronic characteristics. ### 1. General Specifications The device is a Double Data Rate (DDR) memory module or chip, often categorized under high-speed CMOS SDRAM. | Feature | Specification | | :--- | :--- | | **Type** | SDRAM (Synchronous Dynamic RAM) | | **Configuration** | Likely 128Mb to 512Mb (depending on density variant) | | **Interface** | DDR3 / DDR4 (Application dependent) | | **Voltage** | 1.35V / 1.5V (Standard/Low Voltage) | | **Package** | FBGA (Fine-pitch Ball Grid Array) | | **Operating Temp** | -40°C to +95°C (Industrial/Automotive Grade) | --- ### 2. Key Components & Architecture The internal electronic structure of the M3V65T2AJ-R involves several critical subsystems: * **Memory Array:** Organized into multiple internal banks to allow for concurrent operation and reduced latency. * **Differential Clocking:** Uses `CK` and `CK#` signals to synchronize data transfers on both the rising and falling edges of the clock. * **Refresh Logic:** Includes Self-Refresh and Auto-Refresh modes to maintain data integrity in the capacitive memory cells. * **On-Die Termination (ODT):** Improves signal integrity by reducing reflections on the high-speed data lines. --- ### 3. Pinout and Signal Groups The electronic interfacing is divided into three primary functional groups: | Group | Signals | Description | | :--- | :--- | :--- | | **Address/Command** | A0-A15, BA0-BA2 | Selects memory rows/columns and specific banks. | | **Data Bus** | DQ0-DQ15 | The bi-directional path for data input and output. | | **Control** | CS#, RAS#, CAS#, WE# | Determines the command being executed (Read, Write, Precharge). | --- ### 4. Technical Use Cases Because of the **"T2"** and **"R"** designations in the suffix, this part is engineered for: 1. **Automotive Infotainment:** Handling high-resolution UI and mapping data. 2. **Industrial Automation:** Reliable performance in environments with high thermal fluctuations. 3. **Edge Computing:** Acting as a buffer for high-speed sensor data processing. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact memory density and bit configuration for the M3V65T2AJ-R?
    • ⤷ What are the recommended reflow soldering profiles for this FBGA package?
    • ⤷ Are there specific power-up sequences required to initialize the SDRAM controller for this chip?