M3V65T1J-R
AI

The **M3V65T1J-R** is a specific part number belonging to a series of **Voltage Controlled Crystal Oscillators (VCXO)**, typically manufactured by suppliers like MtronPTI. These components are critical in telecommunications and data processing for frequency control.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical parameters for this component class:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | 3.3V (indicated by the '3' in the prefix) |
| **Package Style** | Surface Mount Device (SMD) |
| **Stability** | ±50ppm or ±100ppm (Variable by sub-code) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Part Number Breakdown (Nomenclature)
While manufacturers have specific internal codes, the string generally translates to these electronic characteristics:
* **M3V:** Represents the 3.3V Voltage Controlled Oscillator series in an SMD package (often 5x7mm).
* **65:** Often refers to the frequency stability or specific pullability range (how much the frequency can be "stretched" by the control voltage).
* **T:** Temperature range indicator (commonly Industrial -40/+85°C).
* **1J:** Specific internal revision or output symmetry code.
* **-R:** Indicates compliance with **RoHS** (Restriction of Hazardous Substances) and often implies Tape & Reel packaging.
---
### 3. Functional Components & Operation
The M3V65T1J-R operates using three primary internal stages:
1. **Crystal Resonator:** A quartz crystal that provides the base stable frequency.
2. **Varactor Diode:** A voltage-variable capacitor. By changing the "Control Voltage" pin, the capacitance changes, which slightly shifts the crystal's oscillation frequency.
3. **Output Buffer:** Ensures the signal is strong enough to drive other digital components (CMOS levels) without distorting the waveform.
### 4. Common Applications
* **Phase-Locked Loops (PLL):** Used to synchronize internal clocks with external data streams.
* **Telecommunications:** Used in SONET/SDH equipment and cellular base stations.
* **Video Equipment:** Used for clock recovery in professional broadcast digital video.
---
- ⤷What is the specific frequency range available for the M3V series?
- ⤷ How does the control voltage range affect the 'pullability' of this VCXO?
- ⤷ What are the footprint dimensions for the SMD package of this part?