M3V64V1CJ-R
AI

The **M3V64V1CJ-R** is a high-performance, surface-mount **Voltage Controlled Crystal Oscillator (VCXO)** manufactured by NDK (Nihon Dempa Kogyo Co., Ltd.). It is designed primarily for applications requiring high-frequency stability and low phase jitter.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Frequency Range** | Typically 1.5 MHz to 80 MHz (Series dependent) |
| **Supply Voltage ($V_{CC}$)** | +3.3V DC (Common for 'V' series) |
| **Output Type** | CMOS / HCMOS |
| **Package Size** | 7.0 x 5.0 mm (6-pad SMD) |
| **Frequency Stability** | ±50 ppm or ±100 ppm (Standard) |
| **Operating Temp** | -40°C to +85°C |
| **Control Voltage ($V_{cont}$)** | +1.65V ± 1.5V |
---
### 2. Functional Characteristics
The "M3V" series focuses on high-precision timing for telecommunications and digital video systems.
* **Frequency Control:** Unlike standard oscillators, the frequency of this part can be adjusted (pulled) by changing the input voltage on the control pin. This is essential for Phase Locked Loops (PLLs).
* **Low Jitter:** It is engineered to minimize "timing noise," ensuring data packets in high-speed circuits are synchronized correctly.
* **Tri-state Function:** Includes an Enable/Disable function (Pad 2) which allows the output to be set to a high-impedance state, reducing power consumption when the clock is not needed.
---
### 3. Pin Configuration (Typical 6-Pad)
The M3V64V1CJ-R usually follows the standard 7050 package footprint:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| **1** | $V_{cont}$ | Control Voltage (Frequency Adjustment) |
| **2** | E/D | Enable / Disable (Tri-state) |
| **3** | GND | Ground |
| **4** | OUT | RF Output (Clock Signal) |
| **5** | NC | No Connection (or Complementary Output) |
| **6** | $V_{CC}$ | Power Supply |
---
### 4. Common Applications
* **Networking:** Ethernet switches, routers, and base stations.
* **Broadcasting:** Digital video equipment and professional audio interfaces.
* **Clock Recovery:** Used in circuits that need to synchronize a local clock to an incoming data stream.
- ⤷
What is the maximum frequency pulling range for the M3V64V1CJ-R?
- ⤷ How does the CMOS output of this VCXO differ from an LVPECL output?
- ⤷ What are the recommended bypass capacitor values for the Vcc pin?