công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3V63V2AJ-R

  • AI
    The **M3V63V2AJ-R** is a specific part number typically associated with a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**. These components are essential for power management and signal filtering in electronic circuits. Below is a detailed breakdown of its specifications and characteristics based on the standard naming conventions for this series. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Capacitance** | Typically defined by the series (often 47µF to 100µF range) | | **Voltage Rating** | 63V DC | | **Mounting Type** | Surface Mount (SMD) | | **Package / Case** | V-Chip (Cylindrical metal can on a square base) | | **Tolerance** | ±20% (Standard for electrolytic capacitors) | | **Temperature Range** | -40°C to +105°C (High temperature rated) | | **Lead-Free Status** | RoHS Compliant | --- ### 2. Part Number Breakdown While manufacturer codes vary slightly (often associated with brands like **ELNA** or **Nichicon**), the code generally follows this logic: * **M3V:** Series identifier (indicates low impedance or high reliability/long life). * **63V:** The maximum working voltage (63 Volts). * **2AJ:** Internal factory code for capacitance value and physical dimensions. * **-R:** Indicates "Tape and Reel" packaging for automated pick-and-place assembly. --- ### 3. Key Features & Applications #### Features * **Low Impedance:** Designed to handle high-frequency ripple current effectively. * **Long Life:** Rated for 2,000 to 5,000 hours at 105°C. * **Vibration Resistance:** The SMD base provides better mechanical stability than through-hole versions. #### Common Applications 1. **Power Supplies:** Used for smoothing output voltage in DC-DC converters. 2. **Automotive Electronics:** Suitable for infotainment and lighting control modules due to high temperature rating. 3. **Industrial Equipment:** Power filtering in PLC (Programmable Logic Controllers) and sensors. 4. **Telecommunications:** Noise suppression in networking hardware. --- ### 4. Typical Footprint (SMD) These capacitors are usually circular with a flat bottom. When soldering, ensure the polarity is correct; the negative terminal is almost always marked with a **black stripe** on the top of the aluminum casing. ```text [ Top View ] _______ / \ | (-) | <-- Black stripe indicates Negative | | \_______/ |_| |_| <-- Solder Pads ```
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance value for the 2AJ code in this series?
    • ⤷ Are there through-hole equivalents for the M3V series?
    • ⤷ What are the recommended reflow soldering profiles for this SMD capacitor?