M3V63T1CJ-R
AI

## M3V63T1CJ-R: Technical Overview
The **M3V63T1CJ-R** is a specific part number belonging to a series of **Aluminium Electrolytic Capacitors**, typically designed for surface mount technology (SMT) applications. These components are characterized by their vertical "V-chip" construction and are often found in automotive and industrial electronics.
---
### 1. Key Technical Specifications
Based on standard nomenclature for this series, here are the primary electrical and physical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Capacitor | Aluminium Electrolytic |
| **Mounting Type** | Surface Mount (SMD) | V-Chip (Vertical) configuration |
| **Capacitance** | Variable (Part specific) | Typically rated in microfarads (µF) |
| **Voltage Rating** | Specific to code | Standard working voltage (WVDC) |
| **Operating Temperature** | -40°C to +105°C | Standard high-temperature range |
| **Endurance** | 2,000 to 5,000 Hours | Life span at maximum temperature |
| **Polarity** | Polarized | Must be installed with correct orientation |
---
### 2. Breakdown of the Part Number Logic
While specific manufacturers (like **Elna** or **Nichicon**) use variations, the string `M3V63T1CJ-R` usually follows this logic:
1. **M3V Series**: Represents the series identifier (often signifying Low Impedance or Anti-vibration properties).
2. **63**: Usually refers to the Rated Voltage (e.g., 63 Volts).
3. **T1**: Packaging code (usually Tape and Reel).
4. **CJ**: Case size code (Dimensions of the diameter and height).
5. **-R**: RoHS compliance indicator.
---
### 3. Application Areas
These capacitors are chosen for circuits that require a balance between high capacitance and compact size. Common uses include:
* **Power Supplies:** Filtering and smoothing DC output.
* **Automotive Electronics:** Used in Engine Control Units (ECUs) and lighting modules due to vibration resistance.
* **Industrial Automation:** Power management for sensors and controllers.
* **DC-DC Converters:** Managing ripple current in compact power stages.
---
### 4. Handling and Soldering
As an SMD component, the **M3V63T1CJ-R** requires specific handling:
* **Reflow Soldering:** It is designed to withstand standard lead-free reflow profiles.
* **Orientation:** The top of the capacitor features a black mark indicating the **negative** terminal.
* **Storage:** Being an electrolytic capacitor, it has a shelf life; long-term storage may require "reforming" the dielectric layer before use.
- ⤷What are the exact dimensions for the CJ case size code?
- ⤷ How does the ESR of this capacitor compare to ceramic alternatives?
- ⤷ What is the maximum ripple current rating for the 63V version?