công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3V62V1CJ-R

  • AI
    The **M3V62V1CJ-R** is a high-performance **Voltage Controlled Crystal Oscillator (VCXO)** manufactured by **NDK (Nihon Dempa Kogyo)**. It is primarily used in telecommunications and high-speed data networking for precise timing and clock generation. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) | | **Output Type** | CMOS | | **Supply Voltage ($V_{CC}$)** | +3.3V (Typical) | | **Frequency Range** | 1.5 MHz to 54 MHz | | **Package Size** | 7.0 x 5.0 mm (6-pad SMD) | | **Operating Temperature** | -40°C to +85°C | | **Frequency Pulling Range** | Min ±90 ppm to ±100 ppm | --- ### 2. Functional Characteristics #### A. Voltage Control Function Unlike standard fixed-frequency oscillators, the "V" in VCXO indicates that the output frequency can be slightly adjusted (tuned) by varying the input voltage on the **Control Voltage Pin**. This is essential for: * Phase-Locked Loops (PLLs). * Synchronizing clock signals between different pieces of hardware. * Compensating for frequency aging. #### B. Low Jitter & High Stability The M3V series is designed for low phase noise. In high-speed communication, "jitter" (timing uncertainty) can cause data errors. This part ensures a stable clock edge even in electrically noisy environments. #### C. CMOS Output It provides a Square Wave (CMOS level) output, making it directly compatible with most modern FPGAs, Microcontrollers, and DSPs without needing complex interface circuitry. --- ### 3. Pin Configuration (Typical 6-Pad Layout) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | $V_{cont}$ | Control Voltage input for frequency tuning | | **2** | E/D or NC | Enable/Disable (Standby function) or No Connection | | **3** | GND | Ground | | **4** | OUT | Clock Frequency Output | | **5** | NC | No Connection | | **6** | $V_{CC}$ | DC Power Supply | --- ### 4. Common Applications * **Networking:** Base stations (LTE/5G), Routers, and Switches. * **Broadcasting:** Video conversion equipment and digital cameras. * **Instrumentation:** Frequency synthesizers and test measurement tools. * **Audio/Video:** Professional audio interfaces requiring precise clock synchronization. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a VCXO and a standard XO (Crystal Oscillator)?
    • ⤷ How does the control voltage range affect the frequency pulling in this specific part?
    • ⤷ What are the soldering precautions for the 7.0x5.0mm SMD package?