công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3V24T2AJ-R

  • AI
    The **M3V24T2AJ-R** is a specific surface-mount electronic component, primarily categorized as a **Voltage Controlled Crystal Oscillator (VCXO)**. It is designed for precision timing and frequency control applications. --- ## Technical Specifications Below is a breakdown of the typical parameters associated with this part number: | Feature | Specification | | :--- | :--- | | **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) | | **Frequency Range** | Typically 1.5 MHz to 54 MHz (Specific to ordering code) | | **Supply Voltage (Vcc)** | 3.3V DC | | **Package Type** | J-Lead or SMD (6-pin configuration) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Output Logic** | CMOS / TTL compatible | | **Control Voltage** | 1.65V ± 1.5V (Standard range for frequency pulling) | --- ## Core Electronic Components & Architecture ### 1. Quartz Crystal Unit The heart of the device is a precision-cut quartz crystal. When an electric field is applied, it vibrates at a specific resonant frequency. In this model, the crystal is optimized for stability over a wide temperature range. ### 2. Varactor Diode (Voltage Control) The "Voltage Controlled" aspect is achieved through an internal **Varactor Diode**. * **Function:** As the control voltage at Pin 1 changes, the capacitance of the varactor diode shifts. * **Result:** This change in capacitance slightly "pulls" or adjusts the oscillation frequency of the crystal, allowing for fine-tuning. ### 3. Integrated Circuit (Oscillator IC) The package contains an internal IC that includes: * **The Oscillator Circuit:** Maintains the vibration of the crystal. * **Output Buffer:** Strengthens the signal so it can drive other components (CMOS/TTL loads) without frequency drift. * **Tri-state Functionality:** Often includes an Enable/Disable pin to reduce power consumption when the clock is not needed. --- ## Typical Pin Configuration | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **V_control** | Voltage input to adjust the output frequency. | | 2 | **E/D or NC** | Enable/Disable control or No Connection. | | 3 | **GND** | Ground connection. | | 4 | **Output** | The stabilized clock signal output. | | 5 | **NC** | No Connection. | | 6 | **Vcc** | Power supply (3.3V). | --- ## Key Applications * **Phase-Locked Loops (PLLs):** Used to synchronize signals in telecommunications. * **Set-Top Boxes & Video Equipment:** For jitter reduction and clock recovery. * **Networking Gear:** Providing stable timing for Ethernet or SONET/SDH systems. * **Frequency Synthesis:** Where fine adjustments to a base clock are required via software or feedback loops.
    ✨ Follow-up Questions
    • ⤷ What is the 'frequency pull range' for the M3V24T2AJ-R?
    • ⤷ How does a VCXO differ from a standard XO in a circuit?
    • ⤷ What are the soldering layout recommendations for the J-lead package?