M3V23TAJ-R
AI

The **M3V23TAJ-R** is a specific part number belonging to the **M3V** series of Voltage Controlled Crystal Oscillators (VCXO), typically manufactured by **MtronPTI**. These components are critical for frequency control and timing in telecommunications and networking equipment.
---
### 1. General Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | VCXO | Voltage Controlled Crystal Oscillator |
| **Package Size** | 5.0 x 7.0 mm | Standard 6-pad SMD Ceramic package |
| **Output Type** | HCMOS / TTL | High-speed CMOS compatible output |
| **Voltage Supply** | 3.3V | Standard operating voltage (typified by the '3' or 'V') |
| **Control Voltage** | 0.3V to 3.0V | Range used to "pull" or tune the frequency |
---
### 2. Key Electronic Parameters
This part is designed for precision and stability. Below are the typical electronic attributes for this series:
* **Frequency Range:** Usually available from 1.000 MHz to 160.000 MHz (exact frequency is specified in the full long-form part number).
* **Frequency Pullability:** Typically ±100 ppm (parts per million). This allows the circuit to adjust the clock speed slightly to synchronize with other signals.
* **Stability:** Often rated at ±25ppm to ±50ppm depending on the specific temperature grade.
* **Phase Jitter:** Low jitter performance, essential for high-speed data transmission to prevent bit errors.
---
### 3. Pin Configuration (6-Pad SMD)
The "TAJ" suffix often refers to the specific pinout and temperature configuration. A standard 6-pad VCXO like this usually follows this layout:
| Pin # | Function | Description |
| :--- | :--- | :--- |
| **1** | **V_control** | Voltage applied here changes the output frequency. |
| **2** | **Tristate / NC** | Enable/Disable function (High = Output, Low = High Impedance). |
| **3** | **GND** | Circuit Ground. |
| **4** | **Output** | The HCMOS square wave signal. |
| **5** | **NC** | No connection (internal). |
| **6** | **Vcc** | Supply Voltage (3.3V). |
---
### 4. Typical Applications
Because of its ability to "lock" onto other frequencies via the control voltage pin, the M3V23TAJ-R is used in:
* **Phase-Locked Loops (PLLs):** For frequency synthesis.
* **Clock Recovery:** In fiber optic and ethernet systems.
* **Base Stations:** For wireless infrastructure synchronization.
* **Digital Video:** Maintaining sync in broadcast equipment.
- ⤷
What is the exact frequency of your specific M3V23TAJ-R unit?
- ⤷ Do you need the full datasheet for the MtronPTI M3V series?
- ⤷ Are you looking for an equivalent replacement for this component?