M3V22T2CJ-R
AI

The **M3V22T2CJ-R** is a specific part number for a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**, typically manufactured by companies like **Nichicon** or **Rubycon** (often associated with the MV or M3 series).
These components are designed for general-purpose electronic filtering and energy storage on Printed Circuit Boards (PCBs) where space and height are constraints.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the technical characteristics:
| Parameter | Value / Description |
|:---|:---|
| **Capacitance** | 22 µF (Microfarads) |
| **Voltage Rating** | 6.3V to 50V (Usually 35V or 50V depending on specific datasheet revision) |
| **Mounting Type** | Surface Mount Device (SMD) / V-Chip |
| **Tolerance** | ±20% |
| **Temperature Range** | -40°C to +85°C or +105°C |
| **Termination** | Radial Lead (SMD style "Chip") |
| **Packaging** | Tape & Reel (indicated by the "-R" suffix) |
---
### 2. Physical Construction
The part is housed in a cylindrical aluminum "can" sitting on a plastic base (the V-chip design).
* **Anode:** Aluminum foil with an oxide layer.
* **Electrolyte:** Liquid or gel conductive material.
* **Housing:** Aluminum case with a safety vent (depending on size).
* **Terminals:** Two flat metal pads on the bottom for reflow soldering.
---
### 3. Application Use Cases
This specific capacitor is commonly used in the following scenarios:
1. **Decoupling:** Providing a local energy reservoir to prevent voltage drops near ICs.
2. **Filtering:** Removing high-frequency noise from DC power rails.
3. **DC Blocking:** Allowing AC signals to pass while blocking DC bias in audio or signal paths.
4. **Consumer Electronics:** Found in laptops, monitors, and power adapters due to its small footprint.
---
### 4. Circuit Symbol and Polarity
Unlike ceramic capacitors, the M3V22T2CJ-R is **polarized**.
```text
Positive (+) ----| |---- Negative (-)
| |
(Marked with a black stripe
on the top of the component)
```
> **Warning:** Reversing the polarity or exceeding the rated voltage can cause the component to overheat, leak electrolyte, or explode.
---
- ⤷
What is the exact voltage rating for the 'T2' code in this part number?
- ⤷ What are the soldering temperature requirements for this SMD capacitor?
- ⤷ How does ESR (Equivalent Series Resistance) affect the performance of this part?