công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M3V21V2J-R

  • AI
    The **M3V21V2J-R** is a specific part number typically associated with **Surface Mount (SMT) Varistors**, specifically from the **M3V series** often manufactured by companies like *Matsushita (Panasonic)* or specialized circuit protection vendors. These components are designed to protect electronic circuits against over-voltage transients. --- ### 1. Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Package Size** | 0805 or 1206 (SMD) | | **Maximum DC Voltage** | 21V | | **Maximum AC Voltage (RMS)** | 14V - 17V | | **Varistor Voltage** | 24V to 31V (at 1mA DC) | | **Clamping Voltage** | ~40V to 45V | | **Surge Current (8/20µs)** | 30A to 100A | | **Capacitance** | High (used for low-speed lines) | --- ### 2. Functional Overview The M3V21V2J-R functions as a **Voltage-Dependent Resistor**. Its primary roles include: * **Transient Suppression:** It protects sensitive ICs from Electrostatic Discharge (ESD) and voltage spikes caused by switching inductive loads. * **Bi-directional Protection:** Because it is a MOV, it provides protection for both positive and negative voltage swings. * **Automatic Reset:** Once the voltage drops below the threshold, the device returns to a high-impedance state, allowing the circuit to function normally without needing a fuse replacement. --- ### 3. Pinout and Circuit Integration Since this is an SMD Varistor, it is a **non-polarized** two-terminal device. ```text [ Terminal 1 ] --- [ Varistor Body ] --- [ Terminal 2 ] ``` **Typical Implementation:** It is placed in **parallel** with the component or line being protected: * **Terminal 1:** Connected to the Signal/Power Line. * **Terminal 2:** Connected to Ground (GND). --- ### 4. Applications This specific voltage rating (21V DC Max) makes it ideal for: * **12V DC Power Rails:** Providing a safety margin for automotive or industrial 12V systems. * **I/O Port Protection:** Used in PLCs or industrial controllers where signal lines might experience noise. * **Consumer Electronics:** Protecting charging ports or battery management systems (BMS). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum energy dissipation rating for the M3V21V2J-R?
    • ⤷ Can this varistor be used for high-speed data lines like USB 3.0?
    • ⤷ What is the meaning of the 'R' suffix in the part number?